Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIT3372 Datasheet (PDF) - SiTime Corp.

Part # SIT3372
Description  1 MHz to 220 MHz Ultra-low Jitter Differential VCXO
File Size   443.18 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT3372 Datasheet (PDF) - SiTime Corp.



Similar Part No. - SIT3372

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT3373 SITIME-SIT3373 Datasheet
442Kb / 13P
220 MHz to 725 MHz Ultra-low Jitter Differential VCXO
More results


Similar Description - SIT3372

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL23EP04NZ SILABS-SL23EP04NZ Datasheet
181Kb / 11P
Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZ SILABS-SL23EP09NZ Datasheet
174Kb / 11P
Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SiTime Corp.
SIT9121 SITIME-SIT9121 Datasheet
384Kb / 8P
1-220 MHz High Performance Differential Oscillator
SIT9366 SITIME-SIT9366 Datasheet
375Kb / 12P
1 to 220 MHz Ultra-low Jitter Differential Oscillator
SIT9367 SITIME-SIT9367 Datasheet
375Kb / 12P
220 to 725 MHz Ultra-low Jitter Differential Oscillator
SIT9387 SITIME-SIT9387 Datasheet
474Kb / 12P
220 to 725 MHz Ultra-low Jitter Differential Oscillator
SIT3809 SITIME-SIT3809 Datasheet
527Kb / 14P
80 MHz to 220 MHz MEMS VCXO
SIT3373 SITIME-SIT3373 Datasheet
442Kb / 13P
220 MHz to 725 MHz Ultra-low Jitter Differential VCXO
logo
Skyworks Solutions Inc.
SI567 SKYWORKS-SI567 Datasheet
1Mb / 24P
Ultra Low Jitter Quad Any-Frequency VCXO (100 fs), 0.2 to 3000 MHz
Revision 206624A May, 2023
SI569 SKYWORKS-SI569 Datasheet
1Mb / 39P
Ultra Low Jitter I2C Programmable VCXO (100 fs), 0.2 to 3000 MHz
Revision 206626A May, 2023
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com