Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIT1534 Datasheet (PDF) - SiTime Corp.

Part # SIT1534
Description  Ultra-Small, Ultra-Low Power 1 Hz ??32.768 kHz Programmable Oscillator
File Size   843.99 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT1534 Datasheet (PDF) - SiTime Corp.



Similar Part No. - SIT1534

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT1532 SITIME-SIT1532 Datasheet
773Kb / 12P
Smallest Footprint (1.2mm2) CSP 10 ppm Ultra-Low Power 32.768 kHz XTAL Replacement
SIT1532AI-J4-DCC-32.768E SITIME-SIT1532AI-J4-DCC-32.768E Datasheet
773Kb / 12P
Smallest Footprint (1.2mm2) CSP 10 ppm Ultra-Low Power 32.768 kHz XTAL Replacement
SIT1533 SITIME-SIT1533 Datasheet
895Kb / 13P
20 ppm, Ultra-Low Power 32.768 kHz Quartz XTAL Replacement
More results


Similar Description - SIT1534

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM1564 EMMICRO-EM1564 Datasheet
209Kb / 4P
Low Power Crystal Oscillator 32.768 kHz
logo
MICORO CRYSTAL SWITZERL...
MCSO2EU MICROCRYSTAL-MCSO2EU Datasheet
348Kb / 2P
Ultra low consumption 32.768 kHz
OV-7605-C8 MICROCRYSTAL-OV-7605-C8 Datasheet
311Kb / 2P
Low Power Clock Oscillator 32.768 kHz
logo
MMD Components
IM890 MMD-IM890 Datasheet
1Mb / 10P
MEMS Ultra-Low Power Oscillator, 32.768 kHz Quartz XTAL Replacement
logo
MICORO CRYSTAL SWITZERL...
OV-7604-C7 MICROCRYSTAL-OV-7604-C7_17 Datasheet
1,007Kb / 2P
Low Power Clock Oscillator 32.768 kHz
logo
SiTime Corp.
SIT1569 SITIME-SIT1569 Datasheet
686Kb / 7P
uPower, Ultra-Small 1 Hz - 460 kHz (-)50 ppm Oscillator
SIT1572 SITIME-SIT1572 Datasheet
653Kb / 7P
uPower, Ultra-Small 32.768 kHz (-)50 ppm Oscillator
SIT1630 SITIME-SIT1630 Datasheet
792Kb / 9P
Ultra-Low Power, Ultra-Small 32.768 kHz or 16.384 kHz Oscillator
logo
TXC Corporation.
7XZ TXC-7XZ Datasheet
930Kb / 1P
Ultra small 32.768 kHz RTC oscillator in seam sealed ceramic package.
8WZ TXC-8WZ Datasheet
949Kb / 1P
Ultra small 32.768 kHz RTC oscillator in seam sealed ceramic package.
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com