Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM890 Datasheet (PDF) - MMD Components

IM890 Datasheet PDF - MMD Components
Part # IM890
Download  IM890 Download
File Size   1391.31 Kbytes
Page   10 Pages
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components
Description MEMS Ultra-Low Power Oscillator, 32.768 kHz Quartz XTAL Replacement

IM890 Datasheet (PDF)

Go To PDF Page Download Datasheet
IM890 Datasheet PDF - MMD Components

Part # IM890
Download  IM890 Click to download

File Size   1391.31 Kbytes
Page   10 Pages
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components
Description MEMS Ultra-Low Power Oscillator, 32.768 kHz Quartz XTAL Replacement

IM890 Datasheet (HTML) - MMD Components




Similar Part No. - IM890

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
IM890 ILSI-IM890 Datasheet
1Mb / 10P
Pb-free, RoHS and REACH compliant
More results


Similar Description - IM890

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM1564 EMMICRO-EM1564 Datasheet
209Kb / 4P
Low Power Crystal Oscillator 32.768 kHz
logo
MICORO CRYSTAL SWITZERL...
OV-7604-C7 MICROCRYSTAL-OV-7604-C7 Datasheet
279Kb / 2P
Low Power Clock Oscillator 32.768 kHz
OV-7605-C8 MICROCRYSTAL-OV-7605-C8 Datasheet
311Kb / 2P
Low Power Clock Oscillator 32.768 kHz
OM-7605-C8 MICROCRYSTAL-OM-7605-C8 Datasheet
384Kb / 2P
Low Power Clock Oscillator 32.768 kHz
OM-7604-C7 MICROCRYSTAL-OM-7604-C7_17 Datasheet
977Kb / 2P
Low Power Clock Oscillator 32.768 kHz
OV-7604-C7 MICROCRYSTAL-OV-7604-C7_17 Datasheet
1,007Kb / 2P
Low Power Clock Oscillator 32.768 kHz
logo
SiTime Corp.
SIT1532 SITIME-SIT1532 Datasheet
773Kb / 12P
Smallest Footprint (1.2mm2) CSP 10 ppm Ultra-Low Power 32.768 kHz XTAL Replacement
SIT1533 SITIME-SIT1533 Datasheet
895Kb / 13P
20 ppm, Ultra-Low Power 32.768 kHz Quartz XTAL Replacement
SIT1630 SITIME-SIT1630 Datasheet
792Kb / 9P
Ultra-Low Power, Ultra-Small 32.768 kHz or 16.384 kHz Oscillator
logo
MICORO CRYSTAL SWITZERL...
OM-7605-C9 MICROCRYSTAL-OM-7605-C9 Datasheet
1Mb / 2P
Low Power Clock Oscillator 32.768 kHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com