Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM890 Datasheet(PDF) 5 Page - MMD Components

Part # IM890
Description  MEMS Ultra-Low Power Oscillator, 32.768 kHz Quartz XTAL Replacement
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

IM890 Datasheet(HTML) 5 Page - MMD Components

  IM890 Datasheet HTML 1Page - MMD Components IM890 Datasheet HTML 2Page - MMD Components IM890 Datasheet HTML 3Page - MMD Components IM890 Datasheet HTML 4Page - MMD Components IM890 Datasheet HTML 5Page - MMD Components IM890 Datasheet HTML 6Page - MMD Components IM890 Datasheet HTML 7Page - MMD Components IM890 Datasheet HTML 8Page - MMD Components IM890 Datasheet HTML 9Page - MMD Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MEMS Ultra-Low Power Oscillator, 32.768 kHz Quartz XTAL Replacement
IM890 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev 05/17/16_B
Page 5 of 10
Page 5 of 10
• NanoDrive™ part number coding: D14.
• Example part number: IM890-ID14-32.768
• VOH = 1.1V, VOL = 0.4V (V_sw = 0.70V)
Figure 4. IM890-ID14-32.768
Output Waveform (10 pF Load)
Table 1 shows the supported NanoDrive™ VOH, VOL factory
programming options.
Table 1. Acceptable VOH/VOL NanoDrive™ Levels
VOL/VOH
1.225
1.100
1.000
0.900
0.800
0.700
0.600
0.800
D28
D18
D08
0.700
D27
D17
D07
D97
0.525
D26
D16
D06
D96
D86
0.500
D25
D15
D05
D95
D85
D75
0.400
D14
D04
D94
D84
D74
D64
0.350
D13
D03
D93
D83
D73
D63
Table 2 shows the supported AC coupled Swing levels. The
“AC-coupled” terminology refers to the programming
description for applications where the downstream chipset
includes an internal AC-coupling capacitor, and therefore,
only the output swing is important and VOH/VOL are not
relevant.
Table 2. Acceptable AC-Coupled Swing Levels
Swing
0.800
0.700
0.600
0.500
0.400
0.300
0.250
0.200
Output
Code
AA8
AA7
AA6
AA5
AA4
AA3
AA2
AA1
Example:
• NanoDrive part number coding: AA2. Example part
number: IM890-4AA2-32.768
• Output voltage swing: 0.250V
The values listed in Tables 1 and -2 are nominal values at
25°C and will exhibit a tolerance of ±55 mV across Vdd and
-40°C to 85°C operating temperature range.
IM890 Full Swing LVCMOS Output
The IM890 can be factory programmed to generate full-
swing LVCMOS levels. Figure 5 shows the typical LVCMOS
waveform (Vdd = 1.8V) at room temperature into a 15 pF
load.
Figure 5. LVCMOS Waveform
Vdd = +1.8 V into 15pF Load
Example:
• LVCMOS output part number coding is always DCC
• Example part number: IM890-4DCC-32.768
Calculating Load Current
No Load Supply Current
When calculating no-load power for the IM890, the core and
output driver components need to be added. Since the output
voltage swing can be programmed for reduced swing between
250 mV and 800 mV, the output driver current is variable.
Therefore, no-load operating supply current is broken into two
sections; core and output driver. The equation is as follows:
Total Supply Current (no load) = Idd Core +(65nA/V)(Voutpp)
Example 1: Full-swing LVCMOS
• Vdd = 1.8V
• Idd Core = 900nA (typ)
• Voutpp = 1.8V (LVCMOS)
Supply Current = 900nA + (65nA/V)(1.8V) =1017nA
Example 2: NanoDrive™ Reduced Swing
• Vdd = 1.8V
• Idd Core = 900nA (typ)
• Voutpp (Programmable) = VOH – VOL= 1.1V - 0.6V = 500 mV
Supply Current = 900nA + (65nA/V)(0.5V) = 932nA
Total Supply Current with Load
To calculate the total supply current, including the load,
follow the equation listed below. Note the 30% reduction in
power with NanoDrive™.
Total Current = Idd Core + Idd Output Driver (65nA/V*Voutpp)
+ Load Current (C*V*F



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com