Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM890 Datasheet(PDF) 10 Page - MMD Components

Part # IM890
Description  MEMS Ultra-Low Power Oscillator, 32.768 kHz Quartz XTAL Replacement
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

IM890 Datasheet(HTML) 10 Page - MMD Components

Back Button IM890 Datasheet HTML 2Page - MMD Components IM890 Datasheet HTML 3Page - MMD Components IM890 Datasheet HTML 4Page - MMD Components IM890 Datasheet HTML 5Page - MMD Components IM890 Datasheet HTML 6Page - MMD Components IM890 Datasheet HTML 7Page - MMD Components IM890 Datasheet HTML 8Page - MMD Components IM890 Datasheet HTML 9Page - MMD Components IM890 Datasheet HTML 10Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MEMS Ultra-Low Power Oscillator, 32.768 kHz Quartz XTAL Replacement
IM890 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev 05/17/16_B
Page 10 of 10
Page 10 of 10
Mechanical Details:
2.0 x 1.2 mm SMD Package
IM890 Series
XTAL Compatible
Suggested Land Pattern
Marking
Line 1 = XXXXX (Lot code)
Dot to denote Pin 1 location
Package Information
Leadframe: C194
Plating: NiPdAu
Notes:`
All dimensions are in mm.
Do not scale drawings.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com