Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM890 Datasheet(PDF) 2 Page - MMD Components

Part # IM890
Description  MEMS Ultra-Low Power Oscillator, 32.768 kHz Quartz XTAL Replacement
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

IM890 Datasheet(HTML) 2 Page - MMD Components

  IM890 Datasheet HTML 1Page - MMD Components IM890 Datasheet HTML 2Page - MMD Components IM890 Datasheet HTML 3Page - MMD Components IM890 Datasheet HTML 4Page - MMD Components IM890 Datasheet HTML 5Page - MMD Components IM890 Datasheet HTML 6Page - MMD Components IM890 Datasheet HTML 7Page - MMD Components IM890 Datasheet HTML 8Page - MMD Components IM890 Datasheet HTML 9Page - MMD Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MEMS Ultra-Low Power Oscillator, 32.768 kHz Quartz XTAL Replacement
IM890 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev 05/17/16_B
Page 2 of 10
Page 2 of 10
Ordering Information:
Part number Guide
Package
Temp Range/
Freq Stability In ppm
Coupled
DC- coupled Output Voh
Table 4
DC- coupled Output Vol
Or AC Swing
Table 3
IM890
C
±75 (-10°C to +70°C)
A = AC Coupled
6 = 600 mV
1 = 200 mV (AC-coupled only)
I
±100 (-40°C to +85°C)
D = DC Coupled
7 = 700 mV
2 = 250 mV (AC-coupled only)
8 = 800 mV
3 = 350 mV
9 = 900 mV
4 = 400 mV
0 = 1.00 V
5 = 500 mV
1 = 1.10 V
6 = 600 mV
2 = 1.225 V
7 = 700 mV
A = AC- coupled
8 = 800 mV
C = rail-to rail LVCMOS
C = rail-to rail LVCMOS
Note:
1) Industrial temp & corresponding 100 ppm frequency stability. Note, 100 ppm is only available for the industrial temp range, and 75
ppm is only available for the commercial temp range.
Example1:
Park Number: IM890-CDCC-32.768
Package
IM890
ILSI Part Number
Temp Range/
Freq Stabitlity in ppm
C
Temperature Range = -10°C to +70°C
Frequency Stability = ±75 ppm
Coupled
D
DC Coupled
DC-coupled Output (Voh)
C
rail-to rail LVCMOS
DC-coupled Output (Voh) or
AC Swing
C
rail-to rail LVCMOS
32.768k
Frequency Output
Example2:
Park Number: IM890-IDCC-32.768
Package
IM890
ILSI Part Number
Temp Range/
Freq Stabitlity in ppm
I
Temperature Range = -40°C to +85°C
Freguency Stability = ±100 ppm
Coupled
D
DC Coupled
DC-coupled Output (Voh)
C
rail-to rail LVCMOS
DC-coupled Output (Voh) or
AC Swing
C
rail-to rail LVCMOS
32.768k
Frequency Output
Notes:
For XTAL replacement applications that will keep the chipset oscillator enabled, configure the NanoDrive™ output for a swing similar to the XTAL,
approximately 250mV
Please consult with sales department for any other parameters or options.
Oscillator specification subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com