Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM890 Datasheet(PDF) 1 Page - MMD Components

Part # IM890
Description  MEMS Ultra-Low Power Oscillator, 32.768 kHz Quartz XTAL Replacement
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

IM890 Datasheet(HTML) 1 Page - MMD Components

  IM890 Datasheet HTML 1Page - MMD Components IM890 Datasheet HTML 2Page - MMD Components IM890 Datasheet HTML 3Page - MMD Components IM890 Datasheet HTML 4Page - MMD Components IM890 Datasheet HTML 5Page - MMD Components IM890 Datasheet HTML 6Page - MMD Components IM890 Datasheet HTML 7Page - MMD Components IM890 Datasheet HTML 8Page - MMD Components IM890 Datasheet HTML 9Page - MMD Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MEMS Ultra-Low Power Oscillator, 32.768 kHz Quartz XTAL Replacement
IM890 Series
ILSI America Phone 775-851-8880 ● Fax 775-851-8882 ●email: e-mail@ilsiamerica.com ●
www.ilsiamerica.com
Specifications subject to change without notice
Rev 05/17/16_B
Page 1 of 10
Page 1 of 10
33Features:
MEMS Technology
Small SMD package: 2.0 x 1.2 mm (2012)
Fixed 32.768 kHz output frequency
NanoDrveTM programmable output swing for lowest power
Pb-free, RoHS and REACH compliant
Typical Applications:
Mobile Phones
Tablets
Health and Wellness Monitors
Wireless Keypads
Ultra-Small Notebook PC
Electronic Specifications:
Fixed Output Frequency
32.768 kHz
Frequency Tolerance
[1]
±20 ppm max
TA = +25°C, Post Reflow, Vdd: 1.5V – 3.63V
Frequency Stability
[2]
±75 ppm max
TA = -10°C to +70°C Vdd: +1.50V to +3.63V
±100 ppm max
TA = -40°C to +85°C, Vdd: +1.50V to +3.63V
±250 ppm max
TA = -10°C to +70°C, Vdd: +1.20V to+1.50V
Aging +25°C ±2°C
±1 ppm max
1
st Year
Operational Supply Voltage
+1.20V min, +3.63 V max
TA = -10°C to +70°C
+1.50V min, +3.63 V max
TA = -40°C to +85°C
Core Operating Current
[3]
0.90 µA typ.
TA - +25°C, Vdd: +1.80V No load
1.30 µA max
TA = -10°C to +70°C, Vdd max, +3.63V No load
1.40 µA max
TA = -40°C to +85°C, Vdd max, +3.63V No load
Output Stage Operating Current
[3]
0.065 µA/Vpp typ.
0.125 µA/Vpp max
TA = -40°C to +85°C, Vdd: 1.5V – 3.63V. No load
Power-Supply Ramp
100 mSec max
TA = -40°C to +85°C, 0 to 90% Vdd
Start-up Time at Power-up
[4]
180 mSec typ., 300 ms max
TA = -40°C ≤ TA ≤ +50°C, valid output
450 mSec max
TA = +50°C < TA ≤ +85°C, valid output
Notes:
1.
Measured peak-to-peak. Tested with Agilent 53132A frequency counter. Due to the low operating frequency, the gate time must be ≥100 ms to
ensure an accurate frequency measurement.
2.
Stability is specified for two operating voltage ranges. Stability progressively degrades with supply voltage below 1.5V. Measured peak-to-
peak. Inclusive of Initial Tolerance at 25°C, and variations over operating temperature, rated power supply voltage and load.
3.
Core operating current does not include output driver operating current or load current. To derive total operating current (no load), add core
operating current + (0.065 µA/V) * (peak-to-peak output Voltage swing).
4.
Measured from the time Vdd reaches 1.5V.
LVCMOS
Output Option, TA = -40°C to +85°C,, typical values are at TA = +25°C
Output Rise / Fall Time
100 nSec typ. 200 nSec max
10-90% (Vdd), 15 pF load, Vdd = 1.5V to 3.63V
50 nSec max
10-90% (Vdd), 5 pF load, Vdd ≥ 1.62V
Symmetry
48/52% min/max
Logic “1”
90% min
Vdd: 1.5V – 3.63V. IOH = -10 μA, 15 pF
Logic ‘0”
10% max
Vdd: 1.5V – 3.63V. IOH = -10 μA, 15 pF
NanoDrive
TM Programmable, Reduced Swing Output
Output Rise / Fall Time
200 nSec max
30-70% (VOL/VOH), 10 pF Load
Symmetry
48/52% min/max
AC-coupled Programmable Output
Swing
0.20 V to 0.80 V typ.
Vdd: 1.5V – 3.63V, 10 pF Load, IOH / IOL = ±0.2 μA.
IM890 does not internally AC-couple. This output description is
intended for a receiver that is AC-coupled. See Table 2 for
acceptable NanoDrive swing options.
DC-Biased Programmable Output
Voltage High Range
0.60 V to 1.225 V typ.
Vdd: 1.5V – 3.63V. IOH = -0.2 μA, 10 pF Load.
See Table 1 for acceptable VOH/VOL setting levels
DC-Biased Programmable Output
Voltage High Range
0.35 V to 0.80 V typ.
Vdd: 1.5V – 3.63V. IOL = 0.2 μA, 10 pF Load.
See Table 1 for acceptable VOH/VOL setting levels.
Programmable Output Voltage
Swing Tolerance
±0.055 V max
TA = -40°C to +85°C, Vdd = 1.5V to 3.63V.
Period Jitter
35 nSecRMS typ.
Cycles = 10,000, TA = 25°C, Vdd = 1.5V – 3.63V


Similar Part No. - IM890

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
IM890 ILSI-IM890 Datasheet
1Mb / 10P
Pb-free, RoHS and REACH compliant
More results

Similar Description - IM890

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM1564 EMMICRO-EM1564 Datasheet
209Kb / 4P
Low Power Crystal Oscillator 32.768 kHz
logo
MICORO CRYSTAL SWITZERL...
OV-7604-C7 MICROCRYSTAL-OV-7604-C7 Datasheet
279Kb / 2P
Low Power Clock Oscillator 32.768 kHz
OV-7605-C8 MICROCRYSTAL-OV-7605-C8 Datasheet
311Kb / 2P
Low Power Clock Oscillator 32.768 kHz
OM-7605-C8 MICROCRYSTAL-OM-7605-C8 Datasheet
384Kb / 2P
Low Power Clock Oscillator 32.768 kHz
OM-7604-C7 MICROCRYSTAL-OM-7604-C7_17 Datasheet
977Kb / 2P
Low Power Clock Oscillator 32.768 kHz
OV-7604-C7 MICROCRYSTAL-OV-7604-C7_17 Datasheet
1,007Kb / 2P
Low Power Clock Oscillator 32.768 kHz
logo
SiTime Corp.
SIT1532 SITIME-SIT1532 Datasheet
773Kb / 12P
Smallest Footprint (1.2mm2) CSP 10 ppm Ultra-Low Power 32.768 kHz XTAL Replacement
SIT1533 SITIME-SIT1533 Datasheet
895Kb / 13P
20 ppm, Ultra-Low Power 32.768 kHz Quartz XTAL Replacement
SIT1630 SITIME-SIT1630 Datasheet
792Kb / 9P
Ultra-Low Power, Ultra-Small 32.768 kHz or 16.384 kHz Oscillator
logo
MICORO CRYSTAL SWITZERL...
OM-7605-C9 MICROCRYSTAL-OM-7605-C9 Datasheet
1Mb / 2P
Low Power Clock Oscillator 32.768 kHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com