Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIT1552 Datasheet (PDF) - SiTime Corp.

Part # SIT1552
Description  Smallest (1.2mm2), Smallest (1.2mm2), Ultra-Low Power, 32.768 kHz
File Size   727.01 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT1552 Datasheet (PDF) - SiTime Corp.



Similar Part No. - SIT1552

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
SIT1500M200 NTE-SIT1500M200 Datasheet
18Kb / 2P
105 SNAP-IN ALUMINUM ELECTROLYTIC
SIT1500M250 NTE-SIT1500M250 Datasheet
18Kb / 2P
105 SNAP-IN ALUMINUM ELECTROLYTIC
SIT1500M50 NTE-SIT1500M50 Datasheet
18Kb / 2P
105 SNAP-IN ALUMINUM ELECTROLYTIC
SIT150M200 NTE-SIT150M200 Datasheet
18Kb / 2P
105 SNAP-IN ALUMINUM ELECTROLYTIC
SIT150M250 NTE-SIT150M250 Datasheet
18Kb / 2P
105 SNAP-IN ALUMINUM ELECTROLYTIC
More results


Similar Description - SIT1552

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
MCSO2EU MICROCRYSTAL-MCSO2EU Datasheet
348Kb / 2P
Ultra low consumption 32.768 kHz
OV-7605-C8 MICROCRYSTAL-OV-7605-C8 Datasheet
311Kb / 2P
Low Power Clock Oscillator 32.768 kHz
MCSO1ELS MICROCRYSTAL-MCSO1ELS_17 Datasheet
413Kb / 2P
low consumption 32.768 kHz
logo
SiTime Corp.
SIT1532 SITIME-SIT1532 Datasheet
773Kb / 12P
Smallest Footprint (1.2mm2) CSP 10 ppm Ultra-Low Power 32.768 kHz XTAL Replacement
SIT1534 SITIME-SIT1534 Datasheet
843Kb / 12P
Ultra-Small, Ultra-Low Power 1 Hz ??32.768 kHz Programmable Oscillator
SIT1566 SITIME-SIT1566 Datasheet
833Kb / 9P
1.2mm2 uPower, Low-Jitter, 3 & 5 ppm, 32.768 kHz Super-TCXO
SIT1576 SITIME-SIT1576 Datasheet
1Mb / 10P
1.2mm2 uPower, Low-Jitter, 1Hz - 2.5 MHz Super-TCXO
SIT1579 SITIME-SIT1579 Datasheet
705Kb / 8P
1.2mm2 uPower, Low-Jitter, 1Hz ??2.5 MHz Oscillator
SIT1630 SITIME-SIT1630 Datasheet
792Kb / 9P
Ultra-Low Power, Ultra-Small 32.768 kHz or 16.384 kHz Oscillator
logo
Diodes Incorporated
UX22 DIODES-UX22 Datasheet
901Kb / 3P
The Worlds Smallest Ultra Low Jitter Crystal Oscillator
July 2019
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com