Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPW-34 Datasheet (PDF) - OSRAM GmbH

Part # BPW-34
Description  Especially suitable for applications from 400 nm to 1100 nm
File Size   474.71 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPW-34 Datasheet (PDF) - OSRAM GmbH



Similar Part No. - BPW-34

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
BPW-34 AMSOSRAM-BPW-34 Datasheet
613Kb / 13P
Silicon PIN Photodiode
Version 1.5 2020-01-08
logo
OSRAM GmbH
BPW-34-B OSRAM-BPW-34-B Datasheet
244Kb / 7P
Especially suitable for applications from 350 nm to 1100 nm
logo
ams-OSRAM AG
BPW-34-B AMSOSRAM-BPW-34-B Datasheet
635Kb / 13P
Silicon PIN Photodiode with Enhanced Blue SensitivSensitivity;
2019-07-16
logo
OSRAM GmbH
BPW-34-BS OSRAM-BPW-34-BS Datasheet
244Kb / 7P
Especially suitable for applications from 350 nm to 1100 nm
logo
ams-OSRAM AG
BPW-34-BS AMSOSRAM-BPW-34-BS Datasheet
890Kb / 16P
Silicon PIN Photodiode with Enhanced Blue Sensitivity;in SMT
Version 1.7 2018-06-21
More results


Similar Description - BPW-34

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CBT-120-UV ETC2-CBT-120-UV Datasheet
1Mb / 8P
11 W of optical power from 370 nm to 392 nm
logo
OptoDiode Corp
UVG5S OPTODIODE-UVG5S Datasheet
321Kb / 2P
Ideal for 225-400 nm detection
UVG20S OPTODIODE-UVG20S Datasheet
280Kb / 2P
Ideal for 190-400 nm detection
logo
Sensortechnics GmbH
50162901 SENSORTECHNICS-50162901 Datasheet
486Kb / 8P
RGB light detection from 350 to 900 nm
logo
OSRAM GmbH
BP103 OSRAM-BP103 Datasheet
226Kb / 7P
Especially suitable for applications from 420 nm to 1130 nm
SFH2332 OSRAM-SFH2332 Datasheet
262Kb / 6P
Especially suitable for applications from 350nm to 780nm
BPW-34-B OSRAM-BPW-34-B Datasheet
244Kb / 7P
Especially suitable for applications from 350 nm to 1100 nm
BPX-81 OSRAM-BPX-81 Datasheet
295Kb / 7P
Especially suitable for applications from 450 nm to 1100 nm
KOM-2125 OSRAM-KOM-2125 Datasheet
452Kb / 11P
Suitable for applications from 400 nm to 1100 nm
SFH-2332 OSRAM-SFH-2332 Datasheet
262Kb / 6P
Especially suitable for applications from 350nm to 780nm
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com