Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48SR05005 Datasheet (PDF) - Delta Electronics, Inc.

Part # T48SR05005
Description  High efficiency : 86% @ 5V/5A
File Size   439.95 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

T48SR05005 Datasheet (PDF) - Delta Electronics, Inc.



Similar Part No. - T48SR05005

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
T48SR05005NNFA DELTA-T48SR05005NNFA Datasheet
433Kb / 12P
Delphi Series T48SR, 1/32 Brick Family DC/DC Power Modules:
T48SR05005NNFA DELTA-T48SR05005NNFA Datasheet
439Kb / 12P
Delphi Series T48SR, 1/32 Brick Family DC/DC Power Modules: 36~75V in, 5V/5A out, 25W
T48SR05005NNFA DELTA-T48SR05005NNFA Datasheet
439Kb / 12P
Fixed frequency operation
T48SR05005NNFA DELTA-T48SR05005NNFA Datasheet
433Kb / 12P
UL/cUL 60950-1 (US & Canada) recognized
T48SR05005NRFA DELTA-T48SR05005NRFA Datasheet
439Kb / 12P
Delphi Series T48SR, 1/32 Brick Family DC/DC Power Modules: 36~75V in, 5V/5A out, 25W
More results


Similar Description - T48SR05005

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1070 LINER-LT1070 Datasheet
314Kb / 12P
5A and 2.5A High Efficiency Switching Regulators
LT1070 LINER-LT1070_1 Datasheet
212Kb / 12P
5A and 2.5A High Efficiency Switching Regulators
logo
Richtek Technology Corp...
RT8072 RICHTEK-RT8072 Datasheet
292Kb / 16P
5A, 2MHz, High Efficiency Synchronous Step-Down Converter
logo
Delta Electronics, Inc.
V48SH05020NNFA DELTA-V48SH05020NNFA Datasheet
798Kb / 14P
High efficiency: 91.5% @ 5V/17A
logo
Digitron Semiconductors
UES1304 DIGITRON-UES1304 Datasheet
339Kb / 2P
RECTIFIERS HIGH EFFICIENCY, 5A
logo
Linear Technology
LT1070 LINER-LT1070_15 Datasheet
218Kb / 12P
5A and 2.5A High Efficiency Switching Regulators
LT1071 LINER-LT1071_15 Datasheet
218Kb / 12P
5A and 2.5A High Efficiency Switching Regulators
logo
Artesyn Technologies
ATA ARTESYN-ATA Datasheet
395Kb / 2P
Efficiency up to 86%
logo
Renesas Technology Corp
ISL95210 RENESAS-ISL95210 Datasheet
1Mb / 20P
High Efficiency 5V, 10A Buck Regulator
logo
New Jersey Semi-Conduct...
UES1304 NJSEMI-UES1304 Datasheet
81Kb / 1P
High Efficiency, 5A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com