Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC6F-T1A Datasheet (PDF) - Golledge Electronics Ltd

Part # CC6F-T1A
Description  Fundamental mode up to 250MHz
File Size   555.07 Kbytes
Html View  1   2   3   4 
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

CC6F-T1A Datasheet (PDF) - Golledge Electronics Ltd



Similar Part No. - CC6F-T1A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CC6F-T1A GOLLEDGE-CC6F-T1A Datasheet
53Kb / 1P
SM Crystal Mil Temp High Freq Fundamental
logo
MICORO CRYSTAL SWITZERL...
CC6F-T1A MICROCRYSTAL-CC6F-T1A Datasheet
197Kb / 2P
Inverted Mesa AT Crystal 30 MHz - 250 MHz
CC6F-T1A MICROCRYSTAL-CC6F-T1A Datasheet
513Kb / 2P
Inverted Mesa AT Crystal 70 MHz ??250 MHz
CC6F-T1AF MICROCRYSTAL-CC6F-T1AF Datasheet
1Mb / 2P
Inverted Mesa AT Crystal 70 MHz - 200 MHz
CC6F-T1A MICROCRYSTAL-CC6F-T1A_16 Datasheet
513Kb / 2P
Inverted Mesa AT Crystal 70 MHz ??250 MHz
More results


Similar Description - CC6F-T1A

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2180C ELANTEC-EL2180C Datasheet
661Kb / 17P
250MHz / 3mA Current Mode Feedback Amplifiers
logo
Intersil Corporation
EL2480CS INTERSIL-EL2480CS Datasheet
385Kb / 15P
250MHz/3mA Current Mode Feedback Amplifiers
November 14,2002
EL2480 INTERSIL-EL2480 Datasheet
381Kb / 13P
250MHz/3mA Current Mode Feedback Amplifier
May 23, 2005
logo
Texas Instruments
SN65HVDA541QDRQ1 TI-SN65HVDA541QDRQ1 Datasheet
1Mb / 30P
250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
MARCH 2002 - REVISED MAY 2009
logo
SG Micro Corp
SGM8052 SGMICRO-SGM8052_15 Datasheet
491Kb / 20P
250MHz, Rail-to-Rail Output
logo
Renesas Technology Corp
EL2480 RENESAS-EL2480 Datasheet
894Kb / 13P
250MHz/3mA Current Mode Feedback Amplifier
logo
Golledge Electronics Lt...
CC1A-T3A GOLLEDGE-CC1A-T3A Datasheet
553Kb / 4P
Fundamental mode
CC7A-T1A GOLLEDGE-CC7A-T1A Datasheet
551Kb / 4P
Fundamental mode
CC7A-T3A GOLLEDGE-CC7A-T3A Datasheet
551Kb / 4P
Fundamental mode
GVXO-27L GOLLEDGE-GVXO-27L Datasheet
574Kb / 5P
High Frequency Fundamental Mode 3.3V VCXO
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com