Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUTFOX-18-DB Datasheet (PDF) - PHOENIX CONTACT

Part # CUTFOX-18-DB
Description  Cable cutter, angled, for copper and aluminum up to 18 mm in diameter (up to 50 mm짼), type of packaging: with holder for sales display (backcard)
File Size   43.65 Kbytes
Html View  1   2 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

CUTFOX-18-DB Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - CUTFOX-18-DB

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
CUTFOX-18 PHOENIX-CUTFOX-18 Datasheet
49Kb / 2P
Ergonomic handle design to eliminate fatigue when working
More results


Similar Description - CUTFOX-18-DB

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
CRIMPFOX-16-S PHOENIX-CRIMPFOX-16-S Datasheet
46Kb / 2P
Crimping pliers for ferrules up to 16 mm짼
CRIMPFOX-C50 PHOENIX-CRIMPFOX-C50 Datasheet
48Kb / 3P
Basic pliers, for accommodating dies for a wide range of contact types up to 50 mm짼
CRIMPFOX-C120 PHOENIX-CRIMPFOX-C120 Datasheet
48Kb / 3P
Basic pliers, for accommodating dies for a wide range of contact types up to 120 mm짼
CUTFOX-12 PHOENIX-CUTFOX-12 Datasheet
49Kb / 2P
Cable cutter, for copper and aluminum up to 12 mm diameter (up to 35 mm짼)
MICROFOX-SC PHOENIX-MICROFOX-SC Datasheet
48Kb / 2P
Diagonal cutter for Cu wire up to 1.5 mm diameter
QUICK-WIREFOX-6-SC PHOENIX-QUICK-WIREFOX-6-SC Datasheet
49Kb / 2P
Stripping tool for short-circuit proof conductors, stripping range: 1.5 up to 6 mm짼, wire cutting up to 6 mm짼 cable stopper up to 18 mm짼
CRIMPFOX-ZA-2-DB PHOENIX-CRIMPFOX-ZA-2-DB Datasheet
44Kb / 2P
Crimping pliers, for ferrules according to DIN 46228-1:1992-08 and DIN 46228-4:1990-09, type of packaging: with holder for sales display (backcard)
UNIFOX-CT-4 PHOENIX-UNIFOX-CT-4 Datasheet
44Kb / 2P
Cable binder pliers, for plastic cable binders with a width of 2.2 - 4.8 mm, for a material thickness of up to 1.6 mm
WIREFOX-10-VDE PHOENIX-WIREFOX-10-VDE Datasheet
49Kb / 2P
Stripping pliers, for stripping conductors with a cross section of up to 10 mm짼, VDE-tested
WIREFOX-10-VDE-DB PHOENIX-WIREFOX-10-VDE-DB Datasheet
53Kb / 2P
Stripping pliers, for stripping conductors with a cross section of up to 10 mm짼, VDE-tested, type of packaging: with holder for sales display (backcard)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com