Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803871 Datasheet (PDF) - PHOENIX CONTACT

Part # 0803871
Description  Label, for marking fire detection systems, Card, blue/white, unlabeled, can be labeled with: THERMOMARK PRIME, THERMOMARK CARD, BLUEMARK ID, BLUEMARK ID COLOR, mounting type: adhesive, diameter: 50 mm, lettering field size: d: 50 mm
File Size   52.67 Kbytes
Html View  1   2 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803871 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 0803871

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803872 PHOENIX-0803872 Datasheet
51Kb / 2P
Label, for marking emergency stop buttons, Card, yellow, unlabeled, can be labeled with: THERMOMARK PRIME, THERMOMARK CARD, BLUEMARK ID, BLUEMARK ID COLOR, mounting type: adhesive, diameter: 90 mm, lettering field size: d: 90 mm
0803873 PHOENIX-0803873 Datasheet
51Kb / 2P
Label, for marking emergency stop buttons, Card, yellow, unlabeled, can be labeled with: THERMOMARK PRIME, THERMOMARK CARD, BLUEMARK ID, BLUEMARK ID COLOR, mounting type: adhesive, diameter: 60 mm, lettering field size: d: 60 mm
0803874 PHOENIX-0803874 Datasheet
55Kb / 2P
Plastic label - US-EMLP-HA 24 (30X15/12,5)
0803875 PHOENIX-0803875 Datasheet
57Kb / 2P
Plastic label - US-EMLP-HA 24 (30X15/12,5) SR
0803876 PHOENIX-0803876 Datasheet
57Kb / 2P
Plastic label - US-EMLP-HA 24 (30X18/8)
More results


Similar Description - 0803871

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PABE-AZ PHOENIX-PABE-AZ Datasheet
51Kb / 2P
Alignment tool for cable markers, green, Unlabeled, Mounting type: Insert, Lettering field: 4 x 2.1 mm
0801589 PHOENIX-0801589 Datasheet
55Kb / 2P
Marker for end clamp, can be ordered: by sheet, white, labeled according to customer specifications, mounting type: snapped into marker carrier, lettering field size: 30 x 5 mm
0803868 PHOENIX-0803868 Datasheet
53Kb / 2P
Label, for marking fire detection systems, Card, blue/white, unlabeled, can be labeled
0803869 PHOENIX-0803869 Datasheet
52Kb / 2P
Label, for marking fire detection systems, Card, red/white, unlabeled, can be labeled
0803872 PHOENIX-0803872 Datasheet
51Kb / 2P
Label, for marking emergency stop buttons, Card, yellow, unlabeled, can be labeled with: THERMOMARK PRIME, THERMOMARK CARD, BLUEMARK ID, BLUEMARK ID COLOR, mounting type: adhesive, diameter: 90 mm, lettering field size: d: 90 mm
0803873 PHOENIX-0803873 Datasheet
51Kb / 2P
Label, for marking emergency stop buttons, Card, yellow, unlabeled, can be labeled with: THERMOMARK PRIME, THERMOMARK CARD, BLUEMARK ID, BLUEMARK ID COLOR, mounting type: adhesive, diameter: 60 mm, lettering field size: d: 60 mm
0827283 PHOENIX-0827283 Datasheet
52Kb / 2P
Marker carriers, transparent, unlabeled, mounting type: slide on, cable diameter range: 2.5 - 5 mm, lettering field size: 15 x 4.2 mm
0830677 PHOENIX-0830677 Datasheet
57Kb / 3P
Cable marker label, Roll, white, unlabeled, can be labeled with: THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK ROLLMASTER 300/600, THERMOMARK X1.2, THERMOMARK S1.1, mounting type: adhesive, cable diameter: ??6 mm, lettering field size: 13 x 13 mm
0830678 PHOENIX-0830678 Datasheet
57Kb / 3P
Cable marker label, Roll, white, unlabeled, can be labeled with: THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK ROLLMASTER 300/600, THERMOMARK X1.2, THERMOMARK S1.1, mounting type: adhesive, cable diameter: ??14 mm, lettering field size: 25 x 19 mm
5148888 PHOENIX-5148888 Datasheet
445Kb / 12P
Thermal transfer printer - THERMOMARK PRIME
02/04/2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com