Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4148WS Datasheet (PDF) - Guangdong Juxing Electronics Technology Co., Ltd.

Part # 1N4148WS
Description  200mW Surface Mount Switching Didoe
File Size   1416.23 Kbytes
Html View  1   2 
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

1N4148WS Datasheet (PDF) - Guangdong Juxing Electronics Technology Co., Ltd.



Similar Part No. - 1N4148WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS Datasheet
127Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Won-Top Electronics
1N4148WS WTE-1N4148WS Datasheet
40Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4148WS DIODES-1N4148WS Datasheet
62Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30097 Rev. 4 - 2
logo
General Semiconductor
1N4148WS GE-1N4148WS Datasheet
209Kb / 4P
SMALL SIGNAL DIODES
logo
Diotec Semiconductor
1N4148WS DIOTEC-1N4148WS Datasheet
98Kb / 2P
Surface mount Small Signal Diodes
More results


Similar Description - 1N4148WS

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMBD4448WT MCC-MMBD4448WT Datasheet
439Kb / 4P
Surface Mount Switching Diode 200mW
logo
Taiwan Semiconductor Co...
1SS355 TSC-1SS355 Datasheet
133Kb / 1P
200mW Surface Mount High speed Switching Diode
logo
Micro Commercial Compon...
MMBD4448WT MCC-MMBD4448WT_11 Datasheet
185Kb / 4P
Surface Mount Switching Diode 200mW
logo
Tak Cheong Electronics ...
TC1N4148WT TAK_CHEONG-TC1N4148WT_11 Datasheet
187Kb / 5P
200mW SOD-523 SURFACE MOUNT Fast Switching Diode
TC1SS400 TAK_CHEONG-TC1SS400_11 Datasheet
186Kb / 5P
200mW SOD-523 SURFACE MOUNT High Speed Switching Diode
TCBAS16 TAK_CHEONG-TCBAS16_11 Datasheet
185Kb / 5P
200mW SOD-523 SURFACE MOUNT High Speed Switching Diode
logo
First Components Intern...
MBD4448W FCI-MBD4448W Datasheet
301Kb / 1P
200mW Surface Mount Switching Diode Collector current 250 mA
logo
Micro Commercial Compon...
MMBD4448WT MCC-MMBD4448WT_13 Datasheet
211Kb / 4P
Switching Diode 200mW Surface Mount
logo
Guangdong Juxing Electr...
1N4148W JUXING-1N4148W Datasheet
777Kb / 3P
400mW Surface Mount Switching Didoe
1N4148WL JUXING-1N4148WL Datasheet
1Mb / 2P
400mW Surface Mount Switching Didoe
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com