Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2302382 Datasheet (PDF) - PHOENIX CONTACT

Part # 2302382
Description  VARIOFACE module, with two equipotential busbars (P1, P2) for potential distribution, for mounting on NS 35/7.5 or NS 32
File Size   132.74 Kbytes
Html View  1   2   3   4 
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2302382 Datasheet (PDF) - PHOENIX CONTACT



Similar Part No. - 2302382

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
23023 ARIES-23023 Datasheet
3Mb / 3P
CSP Test Socket for Optical Laser Failure Analysis w/Emission Microscopy
logo
PHOENIX CONTACT
2302308 PHOENIX-2302308 Datasheet
447Kb / 10P
VARIOFACE system cable with D-SUB female connector and pin strip
2302308 PHOENIX-2302308 Datasheet
447Kb / 10P
VARIOFACE system cable with D-SUB female connector and pin strip
2302308 PHOENIX-2302308 Datasheet
447Kb / 10P
VARIOFACE system cable with D-SUB female connector and pin strip
2302308 PHOENIX-2302308 Datasheet
447Kb / 10P
VARIOFACE system cable with D-SUB female connector and pin strip
More results


Similar Description - 2302382

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2835642 PHOENIX-2835642 Datasheet
97Kb / 4P
Analog out motherboard for S7-300, to hold PI-C-UI-UI-AO, mounting on NS 32, or NS 35/7.5.
2835655 PHOENIX-2835655 Datasheet
123Kb / 4P
Analog IN-motherboard for S7-300, to hold PI-C-UI-UI-AI, mounting on NS 32, or NS 35/7.5.
2906364 PHOENIX-2906364 Datasheet
45Kb / 2P
Foot element, for mounting on DIN rail NS 32 or DIN rail NS 35/7.5, can be inserted between basic and side element, packing unit: 500
2906487 PHOENIX-2906487 Datasheet
83Kb / 3P
Side element, left, with foot, width: 5 mm, length: 72 mm, for mounting on NS 32 or NS 35/7.5, with PE contact to the DIN rail
2955564 PHOENIX-2955564 Datasheet
123Kb / 4P
Base element with snap-on foot, for mounting on NS 32 or NS 35/7.5 DIN rail, with ribs, L = 35 mm
2956660 PHOENIX-2956660 Datasheet
50Kb / 2P
Base element with snap-on foot, for mounting on NS 32 or NS 35/7.5 DIN rail, without ribs, L = 35mm
2959353 PHOENIX-2959353 Datasheet
59Kb / 3P
Side element, right, with foot, width: 5 mm, width: 72 mm, for mounting on NS 32 or NS 35/7.5
2959382 PHOENIX-2959382 Datasheet
69Kb / 3P
Foot element, 72 mm wide, for mounting on NS 32 or NS 35/7.5, below profile housing UM 72.
2970031 PHOENIX-2970031 Datasheet
84Kb / 3P
Foot element, for mounting on DIN rail NS 32 or DIN rail NS 35/7.5, can be inserted between base and side element
2858373 PHOENIX-2858373 Datasheet
66Kb / 5P
Basic terminal block, with isolating connector, test connections and surge protection, mounting on NS 35/7.5
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com