Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LCX32 Datasheet (PDF) - ON Semiconductor

Part # 74LCX32
Description  Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
File Size   755.73 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LCX32 Datasheet (PDF) - ON Semiconductor



Similar Part No. - 74LCX32

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX32 FAIRCHILD-74LCX32 Datasheet
82Kb / 11P
Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LCX32 STMICROELECTRONICS-74LCX32 Datasheet
211Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
15-Sep-2004
74LCX32 STMICROELECTRONICS-74LCX32 Datasheet
241Kb / 15P
Low voltage CMOS 2-input OR gate with 5V tolerant inputs
10-Jul-2006
logo
ON Semiconductor
74LCX32 ONSEMI-74LCX32 Datasheet
764Kb / 12P
Low Voltage Quad 2-Input OR Gate with 5 V Tolerant Inputs
April, 2020 ??Rev. 2
logo
Fairchild Semiconductor
74LCX32244 FAIRCHILD-74LCX32244 Datasheet
107Kb / 7P
Low Voltage 32-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
More results


Similar Description - 74LCX32

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX32F TOSHIBA-TC74LCX32F Datasheet
254Kb / 8P
LOW VOLTAGE QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX32 FAIRCHILD-74LCX32 Datasheet
82Kb / 11P
Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
74LCX86 FAIRCHILD-74LCX86 Datasheet
118Kb / 8P
Low Voltage Quad 2-Input Exclusive-OR Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LCX32 STMICROELECTRONICS-74LCX32 Datasheet
211Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
15-Sep-2004
74LVX32 STMICROELECTRONICS-74LVX32 Datasheet
155Kb / 8P
LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
Jul-2001
74LCX32 STMICROELECTRONICS-74LCX32_06 Datasheet
241Kb / 15P
Low voltage CMOS 2-input OR gate with 5V tolerant inputs
10-Jul-2006
74LVX32 STMICROELECTRONICS-74LVX32_04 Datasheet
229Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
27-Aug-2004
logo
Fairchild Semiconductor
74LCX86 FAIRCHILD-74LCX86_08 Datasheet
407Kb / 11P
Low Voltage Quad 2-Input Exclusive-OR Gate with 5V Tolerant Inputs
74LCX08 FAIRCHILD-74LCX08_08 Datasheet
764Kb / 13P
Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
74LCX32 FAIRCHILD-74LCX32_08 Datasheet
791Kb / 13P
Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com