Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXOU Datasheet (PDF) - EUROQUARTZ limited

Part # CXOU
Description  Ultra-Low Current Minauture Crystal Oscillator 32.768kHz - 100.0kHz
File Size   187.84 Kbytes
Html View  1 
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

CXOU Datasheet (PDF) - EUROQUARTZ limited



Similar Part No. - CXOU

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CXO GOLLEDGE-CXO Datasheet
49Kb / 1P
SM OSCILLATOR
logo
STATEK CORPORATION
CXO STATEK-CXO Datasheet
89Kb / 2P
Low Profile Miniature Surface Mount Crystal Oscillator
logo
EUROQUARTZ limited
CXO EUROQUARTZ-CXO Datasheet
127Kb / 1P
Low Profile Miniature SMD Crystal Oscillator
logo
Kyocera Kinseki Corpota...
CXO-292 KSS-CXO-292 Datasheet
148Kb / 1P
Output frequency of 1 to 52MHz is available Clock crystal oscillator for industrial equipment
CXO-292A KSS-CXO-292A Datasheet
148Kb / 1P
Output frequency of 1 to 52MHz is available Clock crystal oscillator for industrial equipment
More results


Similar Description - CXOU

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS32KHZ DALLAS-DS32KHZ Datasheet
443Kb / 10P
32.768kHz Temperature-Compensated Crystal Oscillator
logo
Abracon Corporation
ASTX-H08K ABRACON-ASTX-H08K Datasheet
279Kb / 2P
32.768KHz TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
ASFLK ABRACON-ASFLK_08 Datasheet
153Kb / 2P
32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
03.03.08
logo
STATEK CORPORATION
CXOL STATEK-CXOL Datasheet
179Kb / 2P
Ultra-Low Current, Miniature Quartz Crystal Oscillator
logo
Abracon Corporation
ASFLK-32768KHZ-LJT ABRACON-ASFLK-32768KHZ-LJT Datasheet
979Kb / 2P
32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
09.14.09
ASTMTXK ABRACON-ASTMTXK Datasheet
3Mb / 6P
Ultra-miniature, Low Power, 32.768kHz MEMS Oscillator
06.30.15
logo
Fox Electronics
FOX465 FOX-FOX465 Datasheet
390Kb / 2P
HCMOS 32.768kHz SMD Crystal Oscillator
logo
Seiko Instruments Inc
SH-32S SII-SH-32S Datasheet
259Kb / 2P
High accuracy Crystal Oscillator 32.768kHz
logo
Maxim Integrated Produc...
DS32KHZ MAXIM-DS32KHZ Datasheet
369Kb / 8P
32.768kHz Temperature-Compensated Crystal Oscillator
REV: 071521
logo
Diodes Incorporated
KX251 DIODES-KX251 Datasheet
559Kb / 2P
Ultra Low Current KX Series Crystal Oscillator
REV C 8/27/2014
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com