Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS32KHZ Datasheet (PDF) - Dallas Semiconductor

DS32KHZ Datasheet PDF - Dallas Semiconductor
Part # DS32KHZ
Download  DS32KHZ Download
File Size   443.55 Kbytes
Page   10 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 32.768kHz Temperature-Compensated Crystal Oscillator

DS32KHZ Datasheet (PDF)

Go To PDF Page Download Datasheet
DS32KHZ Datasheet PDF - Dallas Semiconductor

Part # DS32KHZ
Download  DS32KHZ Click to download

File Size   443.55 Kbytes
Page   10 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 32.768kHz Temperature-Compensated Crystal Oscillator

DS32KHZ Datasheet (HTML) - Dallas Semiconductor


DS32KHZ Product details

GENERAL DESCRIPTION

The DS32kHz is a temperature-compensated crystal oscillator (TCXO) with an output frequency of 32.768kHz. This device addresses applications requiring better timekeeping accuracy, and can be used to drive the X1 input of most Dallas Semiconductor real-time clocks (RTCs), chipsets, and other ICs containing RTCs. This device is available in commercial (DS32kHz) and industrial (DS32kHz-N) temperature versions.



FEATURES

Accurate to ±4 Minutes/Year (-40°C to +85°C)

Accurate to ±1 Minute/Year (0°C to +40°C)

Battery Backup for Continuous Timekeeping

VBAT Operating Voltage: 2.7V to 5.5V with VCC Grounded

VCCOperating Voltage: 4.5V to 5.5V

Operating Temperature Range:

  0°C to +70°C (Commercial)

  -40°C to +85°C (Industrial)

No Calibration Required

Low-Power Consumption

Surface Mountable Using BGA Package

UL Recognized



APPLICATIONS

GPS Receivers

Telematics

Network Timing and Synchronization in Servers,

Routers, Hubs, and Switches

Automatic Power Meters




Similar Part No. - DS32KHZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS32KHZ MAXIM-DS32KHZ Datasheet
369Kb / 8P
32.768kHz Temperature-Compensated Crystal Oscillator
REV: 071521
logo
Dallas Semiconductor
DS32KHZ/DIP DALLAS-DS32KHZ/DIP Datasheet
190Kb / 8P
32.768kHz Temperature-Compensated Crystal Oscillator
logo
Maxim Integrated Produc...
DS32KHZ/DIP MAXIM-DS32KHZ/DIP Datasheet
369Kb / 8P
32.768kHz Temperature-Compensated Crystal Oscillator
REV: 071521
logo
Dallas Semiconductor
DS32KHZ/WBGA DALLAS-DS32KHZ/WBGA Datasheet
190Kb / 8P
32.768kHz Temperature-Compensated Crystal Oscillator
logo
Maxim Integrated Produc...
DS32KHZ/WBGA+ MAXIM-DS32KHZ/WBGA+ Datasheet
369Kb / 8P
32.768kHz Temperature-Compensated Crystal Oscillator
REV: 071521
More results


Similar Description - DS32KHZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZC503 ETC1-ZC503 Datasheet
2Mb / 4P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
CSX-532T ETC1-CSX-532T Datasheet
110Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASTX-H08K ABRACON-ASTX-H08K Datasheet
279Kb / 2P
32.768KHz TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
ASVTX-H08K ABRACON-ASVTX-H08K Datasheet
280Kb / 2P
32.768KHz VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
logo
Dallas Semiconductor
DS32KHZ DALLAS-DS32KHZ_07 Datasheet
190Kb / 8P
32.768kHz Temperature-Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Vanlong Technology Co.,...
TO520 VANLONG-TO520_13 Datasheet
45Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Maxim Integrated Produc...
DS32KHZ MAXIM-DS32KHZ Datasheet
369Kb / 8P
32.768kHz Temperature-Compensated Crystal Oscillator
REV: 071521
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com