Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS32KHZ Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS32KHZ
Description  32.768kHz Temperature-Compensated Crystal Oscillator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS32KHZ Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS32KHZ Datasheet HTML 1Page - Dallas Semiconductor DS32KHZ Datasheet HTML 2Page - Dallas Semiconductor DS32KHZ Datasheet HTML 3Page - Dallas Semiconductor DS32KHZ Datasheet HTML 4Page - Dallas Semiconductor DS32KHZ Datasheet HTML 5Page - Dallas Semiconductor DS32KHZ Datasheet HTML 6Page - Dallas Semiconductor DS32KHZ Datasheet HTML 7Page - Dallas Semiconductor DS32KHZ Datasheet HTML 8Page - Dallas Semiconductor DS32KHZ Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DS32kHz
2 of 10
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground
-3.0V to +7.0V
Operating Temperature Range
Commercial
0°C to +70°C
Industrial
-40°C to +85°C
Storage Temperature Range
-40°C to +85°C
Soldering Temperature (BGA)
See IPC/JEDEC J-STD-020A (2x max) (Note 1)
Soldering Temperature, Leads (DIP)
260°C for 10 seconds (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device.
RECOMMENDED DC OPERATING CONDITIONS
(TA = -40°C to +85°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Power-Supply Voltage
VCC
4.5
5.0
5.5
V
Battery Voltage (Note 3)
VBAT
2.7
3.0
3.3, 5.5
V
DC ELECTRICAL CHARACTERISTICS
(Over the operating range, unless otherwise specified.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Active Supply Current
ICC
(Notes 4, 5)
150
180
µA
Active Battery Current
IBAT
VCC = 0V, VBAT = 3.3V
(Notes 4, 5, 6, 7)
1
4
µA
High Output Voltage (VCC)
VOH
IOH = -1.0mA
2.4
V
Low Output Voltage
VOL
IOL = 2.1mA
0.4
V
Battery Switch Voltage
VSW
VBAT
V
High Output Voltage (VBAT)
VOH
IOH = -0.1mA
2.4
V
Note 1: Post-solder cleaning with water-washing techniques is acceptable, provided that ultrasonic vibration is not used. Such cleaning can
damage the crystal.
Note 2: Encapsulated DIP modules can be successfully processed through conventional wave-soldering techniques, as long as the temperature
of the crystal contained inside does not exceed +150°C.
Note 3: VBAT must be no greater than 3.3V when the device is used in the dual-supply operating modes.
Note 4: Typical values are at +25°C and 5.0V VCC, 3.0 VBAT, unless otherwise indicated.
Note 5: These parameters are measured under no load conditions.
Note 6: This current is the active mode current sourced from the backup supply/battery.
Note 7: Battery current increases to 450µA (typ) for 122ms (typ) for every 64 seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com