Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS32KHZ Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS32KHZ
Description  32.768kHz Temperature-Compensated Crystal Oscillator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS32KHZ Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS32KHZ Datasheet HTML 1Page - Dallas Semiconductor DS32KHZ Datasheet HTML 2Page - Dallas Semiconductor DS32KHZ Datasheet HTML 3Page - Dallas Semiconductor DS32KHZ Datasheet HTML 4Page - Dallas Semiconductor DS32KHZ Datasheet HTML 5Page - Dallas Semiconductor DS32KHZ Datasheet HTML 6Page - Dallas Semiconductor DS32KHZ Datasheet HTML 7Page - Dallas Semiconductor DS32KHZ Datasheet HTML 8Page - Dallas Semiconductor DS32KHZ Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DS32kHz
4 of 11
TYPICAL OPERATING CHARACTERISTICS
(VCC = 3.3V, TA = +25°∞C, unless otherwise noted.)
FREQUENCY ERROR vs. VCC
VCC (V)
5.0
-0.5
0
0.5
1.0
1.5
2.0
-1.0
4.5
5.5
FREQUENCY ERROR vs. VBAT
VBAT (V)
5.0
4.5
4.0
3.5
3.0
0
1
2
3
4
5
6
7
8
-1
2.5
5.5
IBAT vs. OUTPUT LOAD vs. VCC
VBAT
5.0
4.5
4.0
3.5
3.0
2.50
6.00
7.50
10.0
12.5
15.0
0
2.5
5.5
47pF
22pF
10pF
0pF
ICC vs. VCC
VCC (V)
5.0
4.5
4.0
3.5
3.0
50
75
100
125
150
25
2.5
5.5
IBAT vs. VBAT
VBAT (V)
5.0
4.5
4.0
3.5
3.0
2.0
2.5
3.0
3.5
4.0
4.5
1.5
2.5
5.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com