Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXIOM70S Datasheet (PDF) - Advanced XTAL Products

Part # AXIOM70S
Description  Low Phase Noise 10 MHz OCXO with HCMOS output for Space Application (COTS)
File Size   541.92 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM70S Datasheet (PDF) - Advanced XTAL Products



Similar Part No. - AXIOM70S

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM70 AXTAL-AXIOM70 Datasheet
65Kb / 2P
OCXO with HCMOS Output
2007-05-14
More results


Similar Description - AXIOM70S

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM70 AXTAL-AXIOM70 Datasheet
65Kb / 2P
OCXO with HCMOS Output
2007-05-14
AXIOM75 AXTAL-AXIOM75 Datasheet
65Kb / 2P
OCXO with Sine Wave Output, Low Phase Noise
2007-05-14
AXIOM6060A AXTAL-AXIOM6060A Datasheet
211Kb / 14P
Ultra-Low Phase Noise 120 MHz OCXO for Space Application
2014-05-05
AXIOM75-25 AXTAL-AXIOM75-25 Datasheet
94Kb / 2P
Low Phase Noise OCXO with Sine Wave Output
AXIOM75-27 AXTAL-AXIOM75-27 Datasheet
121Kb / 3P
Low Phase Noise OCXO with Sine Wave Output
AXIOM75S AXTAL-AXIOM75S Datasheet
190Kb / 13P
Low Phase Noise OCXO for Space Application (COTS version)
AXIOM130LN AXTAL-AXIOM130LN Datasheet
116Kb / 4P
Low Phase Noise OCXO with Sine Wave Output
AXIOM75RH AXTAL-AXIOM75RH Datasheet
328Kb / 16P
Ultra-Low Phase Noise Miniature-OCXO for Space Application Standard frequencies 10 MHz and 100 MHz
AXIOM75SH AXTAL-AXIOM75SH Datasheet
542Kb / 13P
Low Phase Noise OCXO for Space Application (COTS version)
AXIOM75SL AXTAL-AXIOM75SL Datasheet
541Kb / 13P
Low Phase Noise 10 MHz OCXO with Sine wave output for Space Application (COTS)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com