Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXIOM70S Datasheet(PDF) 10 Page - Advanced XTAL Products

Part # AXIOM70S
Description  Low Phase Noise 10 MHz OCXO with HCMOS output for Space Application (COTS)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM70S Datasheet(HTML) 10 Page - Advanced XTAL Products

Back Button AXIOM70S Datasheet HTML 5Page - Advanced XTAL Products AXIOM70S Datasheet HTML 6Page - Advanced XTAL Products AXIOM70S Datasheet HTML 7Page - Advanced XTAL Products AXIOM70S Datasheet HTML 8Page - Advanced XTAL Products AXIOM70S Datasheet HTML 9Page - Advanced XTAL Products AXIOM70S Datasheet HTML 10Page - Advanced XTAL Products AXIOM70S Datasheet HTML 11Page - Advanced XTAL Products AXIOM70S Datasheet HTML 12Page - Advanced XTAL Products AXIOM70S Datasheet HTML 13Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM70SL Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 10(13)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
5.5 Electrical measurements
Table 11 shows all electrical measurements with its respective conditions and limits, which are performed for
all models. If not otherwise stated all measurements are performed at Tamb = 25°C ± 3°C and after a sufficient
stabilization time.
#
Parameter
Test Method
Conditions
Initial /
Interim
Final
Limits
1
Initial frequency
IEC 60679-1
VS = 12 V, RL = 50 Ω
X
X
Table 1
2
Output level
IEC 60679-1
VS = 12 V, RL = 50 Ω
X
X
Table 1
3
Current consumption
(steady state)
IEC 60679-1
VS = 12 V, RL = 50 Ω
X
X
Table 1
4
Current consumption
(warm-up)
IEC 60679-1
VS = 12 V, RL = 50 Ω
X
X
Table 1
5
Tuning range
IEC 60679-1
VS = 12 V, RL = 50 Ω
-
X
Table 1
6
Phase noise
IEC 60679-1
VS = 12 V, RL = 50 Ω
-
X
Table 1
7
Harmonics
IEC 60679-1
VS = 12 V, RL = 50 Ω
-
X
Table 1
8
Spurious
IEC 60679-1
VS = 12 V, RL = 50 Ω
-
X
Table 1
9
Warm-up @ +25°C
IEC 60679-1
VS = 12 V, RL = 50 Ω
-
X
Table 1
Table 11 – Electrical measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com