Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPA3248 Datasheet (PDF) - Qorvo, Inc

Part # QPA3248
Description  CATV Power Doubler Hybrid 1003MHz 25dB
File Size   466.63 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPA3248 Datasheet (PDF) - Qorvo, Inc



Similar Part No. - QPA3248

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
QPA3240 RFMD-QPA3240 Datasheet
481Kb / 7P
GaAs/GaN Power Doubler Hybrid
logo
TriQuint Semiconductor
QPA3240 TRIQUINT-QPA3240 Datasheet
481Kb / 7P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
logo
Qorvo, Inc
QPA3240 QORVO-QPA3240 Datasheet
481Kb / 7P
GaAs/GaN Power Doubler Hybrid 45MHz to 1218MHz
More results


Similar Description - QPA3248

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPD2660 RFMD-RFPD2660 Datasheet
266Kb / 3P
23dB Power Doubler Hybrid 40MHz to 1003MHz
RFPD2670 RFMD-RFPD2670 Datasheet
267Kb / 3P
25dB Power Doubler Hybrid 40MHz to 1003MHz
logo
TriQuint Semiconductor
QPA3238 TRIQUINT-QPA3238 Datasheet
450Kb / 6P
CATV Power Doubler Hybrid 1003MHz 23dB
QPA3340 TRIQUINT-QPA3340 Datasheet
357Kb / 5P
CATV Power Doubler Hybrid 1003MHz 23dB
QPA3350 TRIQUINT-QPA3350 Datasheet
197Kb / 5P
CATV Power Doubler Hybrid 1003MHz 25dB
logo
Qorvo, Inc
QPA3350 QORVO-QPA3350 Datasheet
197Kb / 5P
CATV Power Doubler Hybrid 1003MHz 25dB
QPA3340 QORVO-QPA3340 Datasheet
357Kb / 5P
CATV Power Doubler Hybrid 1003MHz 23dB
QPA3238 QORVO-QPA3238 Datasheet
450Kb / 6P
CATV Power Doubler Hybrid 1003MHz 23dB
RFPD3890 QORVO-RFPD3890 Datasheet
131Kb / 3P
27dB Power Doubler Hybrid 40MHz to 1003MHz
logo
Analog Devices
ADCA3990 AD-ADCA3990 Datasheet
233Kb / 9P
CATV Power Doubler Hybrid
1/2020-Revision 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com