Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF5533 Datasheet (PDF) - SIFIRST TECHNOLOGIES NANHAI LIMITED

Part # SF5533
Description  Less than 75mW Standby Power
File Size   84.47 Kbytes
Html View  1   2 
Manufacturer  SIFIRST [SIFIRST TECHNOLOGIES NANHAI LIMITED]
Direct Link  http://www.sifirsttech.com/en/
Logo SIFIRST - SIFIRST TECHNOLOGIES NANHAI LIMITED

SF5533 Datasheet (PDF) - SIFIRST TECHNOLOGIES NANHAI LIMITED



Similar Part No. - SF5533

ManufacturerPart #DatasheetDescription
logo
SIFIRST TECHNOLOGIES NA...
SF5533H SIFIRST-SF5533H Datasheet
85Kb / 2P
Less than 75mW Standby Power
SF5533HDP SIFIRST-SF5533HDP Datasheet
85Kb / 2P
Less than 75mW Standby Power
SF5533HLGT SIFIRST-SF5533HLGT Datasheet
85Kb / 2P
Less than 75mW Standby Power
More results


Similar Description - SF5533

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GB60S SLPOWER-GB60S Datasheet
2Mb / 7P
Less than 0.5W no-load Power Consumption
logo
List of Unclassifed Man...
1604A ETC2-1604A_17 Datasheet
335Kb / 1P
Leakage: less than 0.1 mA
logo
Maxim Integrated Produc...
MAX40200EVKIT MAXIM-MAX40200EVKIT Datasheet
617Kb / 6P
Drops Less Than 45mV at 500mA
Rev 0; 11/16
logo
STMicroelectronics
STEVAL-ISC002V1 STMICROELECTRONICS-STEVAL-ISC002V1 Datasheet
97Kb / 4P
Very low standby power: less than 0.5 W at 264 V
11-Jun-2008
logo
Shenzhen Sunnyway Batte...
SWT12800 SUNNYWAY-SWT12800 Datasheet
676Kb / 1P
Initial Charging Current less than 20A
logo
SIFIRST TECHNOLOGIES NA...
SF5533H SIFIRST-SF5533H Datasheet
85Kb / 2P
Less than 75mW Standby Power
SF5539H SIFIRST-SF5539H Datasheet
87Kb / 2P
Less than 75mW Standby Power
SF6771S SIFIRST-SF6771S Datasheet
149Kb / 2P
Less than 75mW Standby Power
logo
Shenzhen Huazhimei Semi...
HM2507 HMSEMI-HM2507 Datasheet
534Kb / 12P
Low belt current (less than 1uA)
logo
EHAOAN.
EH-2525W18T EHAOAN-EH-2525W18T Datasheet
1Mb / 7P
Instant light(less than 100ns)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com