Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISC002V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISC002V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISC002V1
Download  STEVAL-ISC002V1 Download
File Size   97.61 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Very low standby power: less than 0.5 W at 264 V

STEVAL-ISC002V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISC002V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISC002V1
Download  STEVAL-ISC002V1 Click to download

File Size   97.61 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Very low standby power: less than 0.5 W at 264 V

STEVAL-ISC002V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISC002V1 Product details

Description
This demonstration board is a 90 W wide-range mains AC-DC adapter which is power factor corrected. Its electrical specifications are suitable for typical high-end portable computer power adapters. The particular benefits of this design are the very low no-load input consumption (<0.5 W) and the very high global efficiency. The architecture is based on a two-stage approach: a front-end PFC pre-regulator based on the L6563 TM PFC controller and a downstream multi-resonant half-bridge converter that makes use of the L6599 resonant controller. STEVAL-ISC002V1

Features
■ Dimensions (L/W/H): 132 mm / 52 mm / 22 mm
■ Universal AC mains range: 90 VAC to 264 VAC
■ High output power: 90 W (4.74 A, 19 VDC)
■ Very low output noise and ripple: less than 300 m VP-P
■ Very low standby power: less than 0.5 W at 264 V
■ Hiccup mode: Auto recovery with SCP
■ Latch mode: OVP acts while VOUT > 29 VDC
■ Efficiency > 88% at universal AC mains range




Similar Part No. - STEVAL-ISC002V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISC005V1 STMICROELECTRONICS-STEVAL-ISC005V1 Datasheet
1Mb / 6P
Evaluation board for the STUSB4500 USB Power Delivery controller
10-Apr-2018
More results


Similar Description - STEVAL-ISC002V1

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NCF2 DBLECTRO-NCF2 Datasheet
103Kb / 2P
Low coil power consumption. / Operation noise: less than 5odb.
logo
List of Unclassifed Man...
FSB147HNY ETC2-FSB147HNY Datasheet
875Kb / 18P
Meets 2013 ErP Standby Power Regulation (Less than 0.5 W Consumption with 0.25 W Load) for ATX Power and LCD TV Power
logo
Infineon Technologies A...
TLE4287G INFINEON-TLE4287G_12 Datasheet
1Mb / 14P
Very low standby current consumption
Rev. 1.41, 2012-01-30
logo
SL Power Electronics
GB60S SLPOWER-GB60S Datasheet
2Mb / 7P
Less than 0.5W no-load Power Consumption
logo
Maxim Integrated Produc...
MAX40200EVKIT MAXIM-MAX40200EVKIT Datasheet
617Kb / 6P
Drops Less Than 45mV at 500mA
Rev 0; 11/16
logo
SIFIRST TECHNOLOGIES NA...
SF5533 SIFIRST-SF5533 Datasheet
84Kb / 2P
Less than 75mW Standby Power
SF5533H SIFIRST-SF5533H Datasheet
85Kb / 2P
Less than 75mW Standby Power
SF5539H SIFIRST-SF5539H Datasheet
87Kb / 2P
Less than 75mW Standby Power
SF6771S SIFIRST-SF6771S Datasheet
149Kb / 2P
Less than 75mW Standby Power
logo
Shenzhen Huazhimei Semi...
HM2507 HMSEMI-HM2507 Datasheet
534Kb / 12P
Low belt current (less than 1uA)
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com