Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISC002V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISC002V1
Description  Very low standby power: less than 0.5 W at 264 V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISC002V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISC002V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISC002V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISC002V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISC002V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
June 2008
Rev 1
1/4
4
STEVAL-ISC002V1
Resonant LCC 90 W notebook power adapter
based on the L6599 and STP12NM50N
Features
■ Dimensions (L/W/H): 132 mm / 52 mm / 22 mm
■ Universal AC mains range: 90 VAC to 264 VAC
■ High output power: 90 W (4.74 A, 19 VDC)
■ Very low output noise and ripple: less than
300 m VP-P
■ Very low standby power: less than 0.5 W
at 264 V
■ Hiccup mode: Auto recovery with SCP
■ Latch mode: OVP acts while VOUT > 29 VDC
■ Efficiency > 88% at universal AC mains range
Description
This demonstration board is a 90 W wide-range
mains AC-DC adapter which is power factor
corrected. Its electrical specifications are suitable
for typical high-end portable computer power
adapters. The particular benefits of this design
are the very low no-load input consumption (<0.5
W) and the very high global efficiency.
The architecture is based on a two-stage
approach: a front-end PFC pre-regulator based
on the L6563 TM PFC controller and a
downstream multi-resonant half-bridge converter
that makes use of the L6599 resonant controller.
STEVAL-ISC002V1
www.st.com


Similar Part No. - STEVAL-ISC002V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISC005V1 STMICROELECTRONICS-STEVAL-ISC005V1 Datasheet
1Mb / 6P
Evaluation board for the STUSB4500 USB Power Delivery controller
10-Apr-2018
More results

Similar Description - STEVAL-ISC002V1

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NCF2 DBLECTRO-NCF2 Datasheet
103Kb / 2P
Low coil power consumption. / Operation noise: less than 5odb.
logo
List of Unclassifed Man...
FSB147HNY ETC2-FSB147HNY Datasheet
875Kb / 18P
Meets 2013 ErP Standby Power Regulation (Less than 0.5 W Consumption with 0.25 W Load) for ATX Power and LCD TV Power
logo
Infineon Technologies A...
TLE4287G INFINEON-TLE4287G_12 Datasheet
1Mb / 14P
Very low standby current consumption
Rev. 1.41, 2012-01-30
logo
SL Power Electronics
GB60S SLPOWER-GB60S Datasheet
2Mb / 7P
Less than 0.5W no-load Power Consumption
logo
Maxim Integrated Produc...
MAX40200EVKIT MAXIM-MAX40200EVKIT Datasheet
617Kb / 6P
Drops Less Than 45mV at 500mA
Rev 0; 11/16
logo
SIFIRST TECHNOLOGIES NA...
SF5533 SIFIRST-SF5533 Datasheet
84Kb / 2P
Less than 75mW Standby Power
SF5533H SIFIRST-SF5533H Datasheet
85Kb / 2P
Less than 75mW Standby Power
SF5539H SIFIRST-SF5539H Datasheet
87Kb / 2P
Less than 75mW Standby Power
SF6771S SIFIRST-SF6771S Datasheet
149Kb / 2P
Less than 75mW Standby Power
logo
Shenzhen Huazhimei Semi...
HM2507 HMSEMI-HM2507 Datasheet
534Kb / 12P
Low belt current (less than 1uA)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com