Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISC005V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISC005V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISC005V1
Download  STEVAL-ISC005V1 Download
File Size   1954.31 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Evaluation board for the STUSB4500 USB Power Delivery controller

STEVAL-ISC005V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISC005V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISC005V1
Download  STEVAL-ISC005V1 Click to download

File Size   1954.31 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Evaluation board for the STUSB4500 USB Power Delivery controller

STEVAL-ISC005V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISC005V1 Product details

Description
The STEVAL-ISC005V1 evaluation board is a ready-to-use USB PD sink based on STUSB4500. It handles the USB PD negotiation with a source to enable one or more charging paths. An L7985 device ensures step-down conversion from the negotiated VBUS sink input to output a 5 V regulated supply which optionally allows powering an MCU evaluation board or any other system. Several LEDs report power availability on each of the 4 available outputs. The USB PD sink port is pre-configured with three different PDOs to address a broad range of applications (5 V, 15 V and 20 V). PDOs can be easily customized thanks to a graphical user interface (GUI). Product summary STUSB4500 evaluation board STEVAL-ISC005V1 Stand-alone USB PD controller STUSB4500 2 A step-down switching regulator L7985 STM32 Nucleo-64 development board with STM32F072RB MCU NUCLEO-F072RB Evaluation board for the STUSB4500 USB Power Delivery controller STEVAL-ISC005V1 Data brief DB3588 - Rev 1 - April 2018 For further information contact your local STMicroelectronics sales office.

Features
■ USB PD port (sink)
■ STUSB4500 USB Power Delivery controller, certified for: – USB type-C™ (rev1.2) – USB PD (rev2.0) – TID: 1000133
■ Compliant with USB PD (rev3.0)
■ 5 V on-board DC-DC
■ VBUS power switches and discharge path
■ Support to up to 3 power data objects (PDO)
■ Short-to-VBUS protections on CC pins (22 V) and VBUS pins (28 V)
■ Customizable start-up profiles
■ Multiple output paths
■ Compatible with NUCLEO-F072RB development board for configuration and debug interface
■ CE certified
■ RoHS and China RoHS compliant




Similar Part No. - STEVAL-ISC005V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISC002V1 STMICROELECTRONICS-STEVAL-ISC002V1 Datasheet
97Kb / 4P
Very low standby power: less than 0.5 W at 264 V
11-Jun-2008
More results


Similar Description - STEVAL-ISC005V1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UPD1001 MICROCHIP-UPD1001 Datasheet
478Kb / 42P
USB Power Delivery Controller
03/25/14
UPD1002 MICROCHIP-UPD1002 Datasheet
490Kb / 46P
USB Power Delivery Controller
03/25/14
logo
Rohm
BM92A50MWV ROHM-BM92A50MWV Datasheet
1Mb / 35P
USB Type-C Power Delivery Controller
logo
STMicroelectronics
STEVAL-ISB019V1 STMICROELECTRONICS-STEVAL-ISB019V1 Datasheet
422Kb / 4P
Evaluation board for STCC2540 USB charging controller
04-Mar-2014
logo
Dialog Semiconductor
IW656 DIALOG-IW656 Datasheet
498Kb / 8P
USB Power Delivery Controller for AC/DC Power Adapters
IW656P DIALOG-IW656P Datasheet
553Kb / 8P
USB Power Delivery 3.0 Controller
logo
SHENZHEN FUMAN ELECTRON...
XPD545 FUMAN-XPD545 Datasheet
820Kb / 11P
USB Power Delivery Controller
XPD618A FUMAN-XPD618A Datasheet
659Kb / 7P
USB Power Delivery Controller
XPD636A FUMAN-XPD636A Datasheet
683Kb / 7P
USB Power Delivery Controller
logo
ON Semiconductor
FUSB3317 ONSEMI-FUSB3317 Datasheet
495Kb / 16P
Automotive USB Power Delivery Source Controller for USB-C
May, 2022-Rev. 0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com