Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISC005V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISC005V1
Description  Evaluation board for the STUSB4500 USB Power Delivery controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISC005V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISC005V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISC005V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISC005V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISC005V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISC005V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISC005V1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
•
USB PD port (sink)
•
STUSB4500 USB Power Delivery controller, certified for:
–
USB type-C™ (rev1.2)
–
USB PD (rev2.0)
–
TID: 1000133
•
Compliant with USB PD (rev3.0)
•
5 V on-board DC-DC
•
VBUS power switches and discharge path
•
Support to up to 3 power data objects (PDO)
•
Short-to-VBUS protections on CC pins (22 V) and VBUS pins (28 V)
•
Customizable start-up profiles
•
Multiple output paths
•
Compatible with NUCLEO-F072RB development board for configuration and
debug interface
•
CE certified
•
RoHS and China RoHS compliant
Description
The STEVAL-ISC005V1 evaluation board is a ready-to-use USB PD sink based on
STUSB4500. It handles the USB PD negotiation with a source to enable one or more
charging paths.
An L7985 device ensures step-down conversion from the negotiated VBUS sink input
to output a 5 V regulated supply which optionally allows powering an MCU evaluation
board or any other system.
Several LEDs report power availability on each of the 4 available outputs.
The USB PD sink port is pre-configured with three different PDOs to address a broad
range of applications (5 V, 15 V and 20 V).
PDOs can be easily customized thanks to a graphical user interface (GUI).
Product summary
STUSB4500
evaluation board
STEVAL-ISC005V1
Stand-alone USB
PD controller
STUSB4500
2 A step-down
switching
regulator
L7985
STM32
Nucleo-64
development
board with
STM32F072RB
MCU
NUCLEO-F072RB
Evaluation board for the STUSB4500 USB Power Delivery controller
STEVAL-ISC005V1
Data brief
DB3588 - Rev 1 - April 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STEVAL-ISC005V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISC002V1 STMICROELECTRONICS-STEVAL-ISC002V1 Datasheet
97Kb / 4P
Very low standby power: less than 0.5 W at 264 V
11-Jun-2008
More results

Similar Description - STEVAL-ISC005V1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UPD1001 MICROCHIP-UPD1001 Datasheet
478Kb / 42P
USB Power Delivery Controller
03/25/14
UPD1002 MICROCHIP-UPD1002 Datasheet
490Kb / 46P
USB Power Delivery Controller
03/25/14
logo
Rohm
BM92A50MWV ROHM-BM92A50MWV Datasheet
1Mb / 35P
USB Type-C Power Delivery Controller
logo
STMicroelectronics
STEVAL-ISB019V1 STMICROELECTRONICS-STEVAL-ISB019V1 Datasheet
422Kb / 4P
Evaluation board for STCC2540 USB charging controller
04-Mar-2014
logo
Dialog Semiconductor
IW656 DIALOG-IW656 Datasheet
498Kb / 8P
USB Power Delivery Controller for AC/DC Power Adapters
IW656P DIALOG-IW656P Datasheet
553Kb / 8P
USB Power Delivery 3.0 Controller
logo
SHENZHEN FUMAN ELECTRON...
XPD545 FUMAN-XPD545 Datasheet
820Kb / 11P
USB Power Delivery Controller
XPD618A FUMAN-XPD618A Datasheet
659Kb / 7P
USB Power Delivery Controller
XPD636A FUMAN-XPD636A Datasheet
683Kb / 7P
USB Power Delivery Controller
logo
ON Semiconductor
FUSB3317 ONSEMI-FUSB3317 Datasheet
495Kb / 16P
Automotive USB Power Delivery Source Controller for USB-C
May, 2022-Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com