Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM3133 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM3133
Description  Output voltage adjustable from 5V to 30V
File Size   570.54 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3133 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd



Similar Part No. - HM3133

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM3130 HMSEMI-HM3130 Datasheet
431Kb / 8P
Built-in 100V/5A MOS wide input voltage step-down DC-DC
HM3130B HMSEMI-HM3130B Datasheet
347Kb / 6P
Wide voltage input switch step-down DC-DC
HM3130C HMSEMI-HM3130C Datasheet
930Kb / 7P
support the highest input voltage 55V
HM3131 HMSEMI-HM3131 Datasheet
476Kb / 8P
Wide input voltage step-down constant voltage constant current DC-DC controller
HM3132 HMSEMI-HM3132 Datasheet
860Kb / 10P
Chip Data Sheet V1.0
More results


Similar Description - HM3133

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EZ5Z3 SEMTECH-EZ5Z3 Datasheet
137Kb / 5P
1A 5V to 3.3V or Adjustable Output EZ DROPPER
EZ5Z3L SEMTECH-EZ5Z3L Datasheet
149Kb / 5P
250mA 5V to 3.3V or Adjustable Output EZ DROPPER?
logo
Texas Instruments
LM2727 TI-LM2727 Datasheet
1Mb / 31P
input Power from 2.2V to 16V, Output voltage Adjustable Down to 0.6V
logo
M.S. Kennedy Corporatio...
MSK5012 MSK-MSK5012_15 Datasheet
747Kb / 7P
Output Voltage Adjustable from 1.30V to 36V
logo
International Rectifier
IR3823M IRF-IR3823M_15 Datasheet
2Mb / 41P
Single input voltage range from 5V to 21V
IR3827M IRF-IR3827M_15 Datasheet
2Mb / 44P
Single input voltage range from 5V to 21V
logo
Allegro MicroSystems
A8586 ALLEGRO-A8586 Datasheet
813Kb / 19P
Output voltage adjustable from 0.8 to 30 V
logo
Maxim Integrated Produc...
MAX20406EVKIT MAXIM-MAX20406EVKIT Datasheet
561Kb / 7P
Output Voltage: 3.3V/5V Fixed and Adjustable from 0.8 to 10V
Rev 3; 7/21
MAX20098EVKIT MAXIM-MAX20098EVKIT Datasheet
1Mb / 8P
Output Voltage: 5V or 3.3V Fixed, or Adjustable from 1V up to 10V
Rev 4; 4/19
MAX25206EVKIT MAXIM-MAX25206EVKIT Datasheet
792Kb / 7P
Output Voltage: 5V or 3.3V Fixed or Adjustable between 0.7V to 20V
Rev 2; 1/21
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com