Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM3133 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM3133
Description  Output voltage adjustable from 5V to 30V
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3133 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM3133 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3133 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3133 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3133 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3133 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3133 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3133 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3133 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
电特性(除非特别说明,VDD =12V,TA=25oC)
参数
符号
测试条件
最小值
典型值
最大值
单位
电源电压
VDD 钳位电压
VDD
IVDD<10mA
33
V
欠压保护开启
VDD_ON
VDD上升
6
V
欠压保护关闭
VDD_OFF
VDD下降
4
V
电源电流
工作电流
IOP
DRV负载 1nF电容
1
mA
启动电流
ISTARTUP
VDD=5V
40
100
uA
功率管电流限流
过流保护阈值
VCS_LMT
300
mV
输出电流与输出电压采样
VSEN 电压降
VCS
145
150
155
mV
FB1,FB2 电压差
VFB
369
380
391
mV
开关频率
开关频率
FS
140
KHz
内置
MOS
MOS 管耐压
VDS
150
V
MOS 管导通内阻
RDSON
VGS=5V
300
mΩ
过温保护
过温保护
OTP_TH
150
oC
过温保护迟滞
OTP_HYS
25
oC
LDO
VCC 电压
VCC
5.5
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com