Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3415 Datasheet (PDF) - KIA Semiconductor Technology

Part # 3415
Description  -4.0A竊?20V P-CHANNEL MOSFET
File Size   122.0 Kbytes
Html View  1   2   3   4   5 
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

3415 Datasheet (PDF) - KIA Semiconductor Technology



Similar Part No. - 3415

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
3415 FUMAN-3415 Datasheet
165Kb / 2P
12V P-channel MOS FET
logo
Heyco.
3415 HEYCO-3415 Datasheet
114Kb / 1P
Heyco® PG and Metric Threaded Plugs
logo
3M Electronics
3415-0000 3M-3415-0000 Datasheet
33Kb / 2P
100 Card-Edge
19-Feb-1999
3415-0000 3M-3415-0000 Datasheet
265Kb / 2P
100 Card-Edge Drilled Mounting Flanges
15-Feb-2005
3415-0001 3M-3415-0001 Datasheet
440Kb / 3P
3M Pak 100 Card-Edge
15-Feb-2005
More results


Similar Description - 3415

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2313 TSC-TSM2313 Datasheet
360Kb / 6P
20V P-Channel MOSFET
TSM9434 TSC-TSM9434 Datasheet
359Kb / 6P
20V P-Channel MOSFET
logo
Will Semiconductor Ltd.
WPM2080 WILLSEMI-WPM2080 Datasheet
1Mb / 8P
Single P-Channel, -20V, -4.0A, Power MOSFET
WNMD2166 WILLSEMI-WNMD2166 Datasheet
1Mb / 8P
Dual N-Channel, 20V, 4.0A, Power MOSFET
logo
KIA Semiconductor Techn...
2301 KIA-2301 Datasheet
111Kb / 4P
-2.8A竊?20V P-CHANNEL MOSFET
2341 KIA-2341 Datasheet
129Kb / 5P
-3.3A竊?20V P-CHANNEL MOSFET
3401 KIA-3401 Datasheet
118Kb / 5P
-4.0A竊?30V P-CHANNEL MOSFET
3402 KIA-3402 Datasheet
121Kb / 5P
4.0A竊?0V N-CHANNEL MOSFET
3423 KIA-3423 Datasheet
126Kb / 6P
-2.0A竊?20V P-CHANNEL MOSFET
logo
Unisonic Technologies
UT3415 UTC-UT3415 Datasheet
636Kb / 9P
-4.0A, -20V P-CHANNEL POWER MOSFET
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com