Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SCRC41C Datasheet (PDF) - Rohm

Part # 2SCRC41C
Description  High-voltage Amplifier Transistor (120V, 50mA)
File Size   1840.87 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCRC41C Datasheet (PDF) - Rohm



Similar Part No. - 2SCRC41C

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCRC41C ROHM-2SCRC41C Datasheet
1Mb / 11P
High-voltage Amplifier Transistor (120V, 50mA)
Rev.004
2SCRC41CHZG ROHM-2SCRC41CHZG Datasheet
1Mb / 10P
High-voltage Amplifier Transistor (120V, 50mA)
2SCRC41CT116 ROHM-2SCRC41CT116 Datasheet
1Mb / 11P
High-voltage Amplifier Transistor (120V, 50mA)
Rev.004
More results


Similar Description - 2SCRC41C

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4102 ROHM-2SC4102 Datasheet
59Kb / 1P
High-voltage Amplifier Transistor(120V, 50mA)
2SA1579 ROHM-2SA1579 Datasheet
79Kb / 4P
High-voltage Amplifier Transistor (-120V, -50mA)
2SC4102 ROHM-2SC4102_1 Datasheet
75Kb / 3P
High-voltage Amplifier Transistor (120V, 50mA)
2SA1579 ROHM-2SA1579_13 Datasheet
367Kb / 8P
PNP -50mA -120V High-Voltage Amplifier Transistors
2SC4102 ROHM-2SC4102_13 Datasheet
358Kb / 8P
NPN 50mA 120V High Voltage Amplifier transistors
2SA1579U3HZG ROHM-2SA1579U3HZG Datasheet
1Mb / 10P
High-voltage Amplifier Transistor (-120V, -50mA)
2SARA41CHZG ROHM-2SARA41CHZG Datasheet
1Mb / 10P
High-voltage Amplifier Transistor (-120V,-50mA)
2SC4102U3HZG ROHM-2SC4102U3HZG Datasheet
1Mb / 10P
High-voltage Amplifier Transistor (120V, 50mA)
2SCRC41CHZG ROHM-2SCRC41CHZG Datasheet
1Mb / 10P
High-voltage Amplifier Transistor (120V, 50mA)
2SA1579FRA ROHM-2SA1579FRA Datasheet
1Mb / 8P
High-voltage Amplifier Transistor (-120V, -50mA)
20160915 - Rev.001
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com