Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SCRC41C Datasheet(PDF) 1 Page - Rohm

Part # 2SCRC41C
Description  High-voltage Amplifier Transistor (120V, 50mA)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCRC41C Datasheet(HTML) 1 Page - Rohm

  2SCRC41C Datasheet HTML 1Page - Rohm 2SCRC41C Datasheet HTML 2Page - Rohm 2SCRC41C Datasheet HTML 3Page - Rohm 2SCRC41C Datasheet HTML 4Page - Rohm 2SCRC41C Datasheet HTML 5Page - Rohm 2SCRC41C Datasheet HTML 6Page - Rohm 2SCRC41C Datasheet HTML 7Page - Rohm 2SCRC41C Datasheet HTML 8Page - Rohm 2SCRC41C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
2SCRC41C / 2SC4102U3
High-voltage Amplifier Transistor (120V, 50mA)
Datasheet
l
lOutline
Parameter
Value
SOT-23
SOT-323
VCEO
120V
 
 
 
 
IC
50mA
2SCRC41C
2SC4102U3
(SST3)
(UMT3)
                     
l
lFeatures
l
lInner circuit
1)High breakdown voltage. (BVCEO=120V)
2)Complements the 2SARA41C/2SA1579U3.
l
lApplication
HIGH-VOLTAGE AMPLIFIER
l
lPackaging specifications
                                           
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
2SCRC41C
SOT-23
(SST3)
2924
T116
180
8
3000
K2
2SC4102U3
SOT-323
(UMT3)
2021
T106
180
8
3000
T
                                                                                         
www.rohm.com
© 2018 ROHM Co., Ltd. All rights reserved.
1 / 7
20181227 - Rev.002


Similar Part No. - 2SCRC41C

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCRC41C ROHM-2SCRC41C Datasheet
1Mb / 11P
High-voltage Amplifier Transistor (120V, 50mA)
Rev.004
2SCRC41CHZG ROHM-2SCRC41CHZG Datasheet
1Mb / 10P
High-voltage Amplifier Transistor (120V, 50mA)
2SCRC41CT116 ROHM-2SCRC41CT116 Datasheet
1Mb / 11P
High-voltage Amplifier Transistor (120V, 50mA)
Rev.004
More results

Similar Description - 2SCRC41C

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4102 ROHM-2SC4102 Datasheet
59Kb / 1P
High-voltage Amplifier Transistor(120V, 50mA)
2SA1579 ROHM-2SA1579 Datasheet
79Kb / 4P
High-voltage Amplifier Transistor (-120V, -50mA)
2SC4102 ROHM-2SC4102_1 Datasheet
75Kb / 3P
High-voltage Amplifier Transistor (120V, 50mA)
2SA1579 ROHM-2SA1579_13 Datasheet
367Kb / 8P
PNP -50mA -120V High-Voltage Amplifier Transistors
2SC4102 ROHM-2SC4102_13 Datasheet
358Kb / 8P
NPN 50mA 120V High Voltage Amplifier transistors
2SA1579U3HZG ROHM-2SA1579U3HZG Datasheet
1Mb / 10P
High-voltage Amplifier Transistor (-120V, -50mA)
2SARA41CHZG ROHM-2SARA41CHZG Datasheet
1Mb / 10P
High-voltage Amplifier Transistor (-120V,-50mA)
2SC4102U3HZG ROHM-2SC4102U3HZG Datasheet
1Mb / 10P
High-voltage Amplifier Transistor (120V, 50mA)
2SCRC41CHZG ROHM-2SCRC41CHZG Datasheet
1Mb / 10P
High-voltage Amplifier Transistor (120V, 50mA)
2SA1579FRA ROHM-2SA1579FRA Datasheet
1Mb / 8P
High-voltage Amplifier Transistor (-120V, -50mA)
20160915 - Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com