Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS03608AS-R Datasheet (PDF) - PUI audio inc.

Part # AS03608AS-R
Description  Coated alloy cone for extended frequency response to 40 kHz
File Size   935.01 Kbytes
Html View  1   2   3   4   5 
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS03608AS-R Datasheet (PDF) - PUI audio inc.



Similar Part No. - AS03608AS-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AS03608MR-3-R PUI-AS03608MR-3-R Datasheet
276Kb / 1P
Speaker
AS03608MR-4-R PUI-AS03608MR-4-R Datasheet
284Kb / 1P
Speaker
logo
PUI audio inc.
AS03608MR-4-R PUIAUDIO-AS03608MR-4-R Datasheet
536Kb / 3P
36mm diameter speaker with Nwodymium magnet for 85 dB sensitivity
AS03608MR-5-R PUIAUDIO-AS03608MR-5-R Datasheet
62Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results


Similar Description - AS03608AS-R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N100A MICROSEMI-1N100A Datasheet
62Kb / 1P
Optimized for Radio Frequency Response
1N270 MICROSEMI-1N270 Datasheet
63Kb / 1P
Optimized for Radio Frequency Response
1N34A MICROSEMI-1N34A Datasheet
62Kb / 1P
Optimized for Radio Frequency Response
logo
Texas Instruments
UCC28070A TI1-UCC28070A Datasheet
1Mb / 43P
Extended Frequency Range (10 kHz to 300 kHz)
UCC28070A TI1-UCC28070A_12 Datasheet
1Mb / 44P
Extended Frequency Range (10 kHz to 300 kHz), Interleaving Continuous Conduction Mode PFC Controller
logo
Microsemi Corporation
1N34A MICROSEMI-1N34A Datasheet
61Kb / 1P
Optimized for Radio Frequency Response
logo
Texas Instruments
UCC28070A TI-UCC28070A_15 Datasheet
988Kb / 44P
Extended Frequency Range (10 kHz to 300 kHz), Interleaving Continuous Conduction Mode PFC Controller
logo
PUI audio inc.
AS05308AS-R PUIAUDIO-AS05308AS-R Datasheet
757Kb / 5P
Coated alloy cone for extended frequency response to 40 kHz
AS07808AS-R PUIAUDIO-AS07808AS-R Datasheet
778Kb / 5P
Coated alloy cone for extended frequency response to 40 kHz
logo
Marki Microwave
BTN-0040 MARKIMICROWAVE-BTN-0040 Datasheet
524Kb / 4P
Broadband: 40 kHz to 40 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com