Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS03608AS-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AS03608AS-R
Description  Coated alloy cone for extended frequency response to 40 kHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS03608AS-R Datasheet(HTML) 1 Page - PUI audio inc.

  AS03608AS-R Datasheet HTML 1Page - PUI audio inc. AS03608AS-R Datasheet HTML 2Page - PUI audio inc. AS03608AS-R Datasheet HTML 3Page - PUI audio inc. AS03608AS-R Datasheet HTML 4Page - PUI audio inc. AS03608AS-R Datasheet HTML 5Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2018, PUI Audio Inc.
PUI Audio, Inc., 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Data Sheet
AS03608AS-R
PUI Audio’s Copperhead Series was conceived to create a family sound across
three different speaker sizes: 36mm, 53mm, and 78mm square. Specialized alloy
cones are paired with optimized motors to achieve superior frequency response
and output, with minimized harmonic distortion.
The eight ohm, 36mm square frame AS03608AS-R features a unique spider-less
design for free-flowing cone travel that is controlled by the progressive treated
foam surround.
Features:
•
Coated alloy cone for extended frequency response to 40 kHz
•
78 dB output at 1m (98 dB output at 10cm)
•
High-energy neodymium motor
•
Large 20mm diameter voice coil
•
Easy-to-mount square frame
Specifications
Parameters
Values
Units
Rated Input Power
1
Watts
Max Input Power
2
Watts
Impedance
8 ± 15%
Ohms
Sensitivity (SPL @ 1W/1m)
Avg. at 2, 4, 8, and 16 kHz
78 ± 3
dB
Resonant Frequency
(in free air)
250±20%
Hz
Frequency Range (-10 dB)
150 ~ 40,000
Hz
Frame Material
ABS
-
Magnet Material
NdFeB
-
Weight
29
Grams


Similar Part No. - AS03608AS-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AS03608MR-3-R PUI-AS03608MR-3-R Datasheet
276Kb / 1P
Speaker
AS03608MR-4-R PUI-AS03608MR-4-R Datasheet
284Kb / 1P
Speaker
logo
PUI audio inc.
AS03608MR-4-R PUIAUDIO-AS03608MR-4-R Datasheet
536Kb / 3P
36mm diameter speaker with Nwodymium magnet for 85 dB sensitivity
AS03608MR-5-R PUIAUDIO-AS03608MR-5-R Datasheet
62Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - AS03608AS-R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N100A MICROSEMI-1N100A Datasheet
62Kb / 1P
Optimized for Radio Frequency Response
1N270 MICROSEMI-1N270 Datasheet
63Kb / 1P
Optimized for Radio Frequency Response
1N34A MICROSEMI-1N34A Datasheet
62Kb / 1P
Optimized for Radio Frequency Response
logo
Texas Instruments
UCC28070A TI1-UCC28070A Datasheet
1Mb / 43P
Extended Frequency Range (10 kHz to 300 kHz)
UCC28070A TI1-UCC28070A_12 Datasheet
1Mb / 44P
Extended Frequency Range (10 kHz to 300 kHz), Interleaving Continuous Conduction Mode PFC Controller
logo
Microsemi Corporation
1N34A MICROSEMI-1N34A Datasheet
61Kb / 1P
Optimized for Radio Frequency Response
logo
Texas Instruments
UCC28070A TI-UCC28070A_15 Datasheet
988Kb / 44P
Extended Frequency Range (10 kHz to 300 kHz), Interleaving Continuous Conduction Mode PFC Controller
logo
PUI audio inc.
AS05308AS-R PUIAUDIO-AS05308AS-R Datasheet
757Kb / 5P
Coated alloy cone for extended frequency response to 40 kHz
AS07808AS-R PUIAUDIO-AS07808AS-R Datasheet
778Kb / 5P
Coated alloy cone for extended frequency response to 40 kHz
logo
Marki Microwave
BTN-0040 MARKIMICROWAVE-BTN-0040 Datasheet
524Kb / 4P
Broadband: 40 kHz to 40 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com