Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD236C4 Datasheet (PDF) - Custom MMIC Design Services, Inc.

Part # CMD236C4
Description  DC-18 GHz SP6T Non-reflective Switch
File Size   270.55 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD236C4 Datasheet (PDF) - Custom MMIC Design Services, Inc.



Similar Part No. - CMD236C4

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CMD236C4 QORVO-CMD236C4 Datasheet
356Kb / 10P
DC-18 GHz SP6T Non-reflective Switch
Rev. B, May 19, 2022
CMD236C4-EVB QORVO-CMD236C4-EVB Datasheet
356Kb / 10P
DC-18 GHz SP6T Non-reflective Switch
Rev. B, May 19, 2022
More results


Similar Description - CMD236C4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC252QS24 HITTITE-HMC252QS24 Datasheet
196Kb / 4P
GaAs MMIC SP6T NON-REFLECTIVE SWITCH, DC - 3.0 GHz
HMC435MS8G HITTITE-HMC435MS8G Datasheet
189Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC252QS24 HITTITE-HMC252QS24_06 Datasheet
249Kb / 4P
GaAs MMIC SP6T NON-REFLECTIVE SWITCH, DC - 3.0 GHz
HMC-C058 HITTITE-HMC-C058 Datasheet
229Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 18 GHz
HMC252QS24 HITTITE-HMC252QS24_08 Datasheet
173Kb / 4P
GaAs MMIC SP6T NON-REFLECTIVE SWITCH, DC - 3 GHz
HMC641 HITTITE-HMC641 Datasheet
169Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 18 GHz
logo
Analog Devices
HMC252AQS24E AD-HMC252AQS24E Datasheet
601Kb / 4P
GaAs MMIC SP6T NON-REFLECTIVE SWITCH, DC - 3 GHz
logo
Custom MMIC Design Serv...
CMD195C3 MMIC-CMD195C3 Datasheet
252Kb / 9P
DC-18 GHz SPDT Non-reflective Switch
CMD234C4 MMIC-CMD234C4 Datasheet
301Kb / 8P
DC-18 GHz SP3T Non-reflective Switch
CMD235C4 MMIC-CMD235C4 Datasheet
271Kb / 8P
DC-18 GHz SP5T Non-reflective Switch
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com