Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRF2140 Datasheet (PDF) - Guerrilla RF, Inc.

Part # GRF2140
Description  Low Current LNA w/Bypass Tuning Range: 0.1 to 3.8 GHz
File Size   1505.21 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.

GRF2140 Datasheet (PDF) - Guerrilla RF, Inc.



Similar Part No. - GRF2140

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF2100 GUERRILLA-GRF2100 Datasheet
822Kb / 11P
Low-current LNA 0.1??.8 GHz
GRF2100W GUERRILLA-GRF2100W Datasheet
1Mb / 17P
LOW-CURRENT LNA 0.1 to 3.8 GHz
May 1, 2023
GRF2101 GUERRILLA-GRF2101 Datasheet
858Kb / 12P
High Gain, Ultra-LNA Tuning Range: 4.0 to 10.0 GHz
GRF2105 GUERRILLA-GRF2105 Datasheet
889Kb / 13P
Enhanced Gain Flatness LNA 0.4 to 5.0 GHz
GRF2105W GUERRILLA-GRF2105W Datasheet
1Mb / 18P
ENHANCED GAIN FLATNESS LNA 0.4 to 5 GHz
February 21, 2023
More results


Similar Description - GRF2140

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF2077 GUERRILLA-GRF2077 Datasheet
1Mb / 13P
Failsafe Bypass LNA Tuning Range: 0.7 ??3.8 GHz
GRF2106 GUERRILLA-GRF2106 Datasheet
828Kb / 13P
High Gain, Low Current LNA Tuning Range: 0.1 to 4.2 GHz
GRF2243 GUERRILLA-GRF2243 Datasheet
1Mb / 18P
LNA with Bypass Tuning Range: 0.4 to 5.0 GHz
GRF2374 GUERRILLA-GRF2374 Datasheet
1Mb / 19P
Low Current LNA w/Bypass Tuning Range: 0.1 to 3.8 GHz
GRF5020 GUERRILLA-GRF5020 Datasheet
1Mb / 17P
30.5 dBm Power-LNA??Tuning Range: 0.1 ??3.8 GHz
GRF4004 GUERRILLA-GRF4004 Datasheet
894Kb / 13P
Broadband LNA/Linear Driver Tuning Range: 0.1—3.8 GHz
10/01/19
GRF4005 GUERRILLA-GRF4005 Datasheet
937Kb / 13P
Broadband LNA/Linear Driver Tuning Range: 0.1—3.8 GHz
10/01/19
GRF5040 GUERRILLA-GRF5040 Datasheet
1,009Kb / 15P
31.0 dBm Power-LNA™ Tuning Range: 0.1 – 3.8 GHz
10/01/19
GRF2100W GUERRILLA-GRF2100W Datasheet
1Mb / 17P
LOW-CURRENT LNA 0.1 to 3.8 GHz
May 1, 2023
GRF2108 GUERRILLA-GRF2108 Datasheet
807Kb / 13P
Low-current LNA 0.1—3.8 GHz
08/13/21
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com