Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRF2140 Datasheet(PDF) 4 Page - Guerrilla RF, Inc.

Part # GRF2140
Description  Low Current LNA w/Bypass Tuning Range: 0.1 to 3.8 GHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.

GRF2140 Datasheet(HTML) 4 Page - Guerrilla RF, Inc.

  GRF2140 Datasheet HTML 1Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 2Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 3Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 4Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 5Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 6Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 7Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 8Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 9Page - Guerrilla RF, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
GRF2140
Guerrilla RF Proprietary Information. Guerrilla RFTM and the composite logo of Guerrilla RFTM are trademarks of Guerrilla RF, Inc. ©2014 Guerrilla RF, Inc. All rights reserved.
Revision Date: 10/24/19
Please contact Guerrilla RF at (+1) 336-510-7840 or sales@guerrilla-rf.com
Released
Low Current LNA w/Bypass
Tuning Range: 0.1 to 3.8 GHz
Nominal Operating Parameters:
Parameter
Symbol
Specification
Unit
Condition
Min.
Typ.
Max.
High Gain Mode
VDD = 3.3 V; VENABLE: High
Test Frequency
FTEST
1.95
GHz
Gain
S21
16.3
17.8
19.3
dB
Noise Figure (Evaluation Board)
NF
1.1
1.3
dB
Output 1dB Compression Point
OP1dB
7.3
9.3
dBm
Output Third Order Intercept Point
OIP3
20.0
dBm
Switching Time (Bypass to Gain)
T_Gain
200
ns
Switching Time (Gain to Bypass)
T_Bypass
100
ns
Supply Current
IDD
13
18
25
mA
Vdd=Venable=3.3 volts; Rbias: 500 Ω
Enable Current
IENABLE
1.0
3.0
mA
Bypass Mode
VDD: 3.3 V; Ven: 0.0 V
Gain
S(2,1)
-3.5
-2.5
dB
Output 1dB Compression Point
OP1dB
21.8
dBm
Output Intercept Point
OIP3
39.0
dBm
Thermal Data
Thermal Resistance (Infra-Red Scan)
jc
235
ᵒC/W
Channel Temperature @ +85 C reference
(Package heat sink)
TCHANNEL
99
(See note)
ᵒC
VDD: 3.3 V; IDDQ: 18 mA; No RF; Dissi-
pated Power: 59 mW
Note: MTTF >10^6 hours for TCHANNEL < =170 degrees C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com