Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRF2140 Datasheet(PDF) 13 Page - Guerrilla RF, Inc.

Part # GRF2140
Description  Low Current LNA w/Bypass Tuning Range: 0.1 to 3.8 GHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.

GRF2140 Datasheet(HTML) 13 Page - Guerrilla RF, Inc.

Back Button GRF2140 Datasheet HTML 8Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 9Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 10Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 11Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 12Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 13Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 14Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 15Page - Guerrilla RF, Inc. GRF2140 Datasheet HTML 16Page - Guerrilla RF, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
GRF2140
Guerrilla RF Proprietary Information. Guerrilla RFTM and the composite logo of Guerrilla RFTM are trademarks of Guerrilla RF, Inc. ©2014 Guerrilla RF, Inc. All rights reserved.
Revision Date: 10/24/19
Please contact Guerrilla RF at (+1) 336-510-7840 or sales@guerrilla-rf.com
Released
Low Current LNA w/Bypass
Tuning Range: 0.1 to 3.8 GHz
1.5 mm DFN-6 Suggested PCB Footprint (Top View)
1.5 mm DFN-6 Package Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com