Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRF2243 Datasheet (PDF) - Guerrilla RF, Inc.

Part # GRF2243
Description  LNA with Bypass Tuning Range: 0.4 to 5.0 GHz
File Size   1267.48 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.

GRF2243 Datasheet (PDF) - Guerrilla RF, Inc.



Similar Part No. - GRF2243

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF2201 GUERRILLA-GRF2201 Datasheet
703Kb / 11P
High Gain LNA 2.4 GHz ISM; 802.11 b, g, n
More results


Similar Description - GRF2243

ManufacturerPart #DatasheetDescription
logo
Guerrilla RF, Inc.
GRF2077 GUERRILLA-GRF2077 Datasheet
1Mb / 13P
Failsafe Bypass LNA Tuning Range: 0.7 ??3.8 GHz
GRF2080 GUERRILLA-GRF2080 Datasheet
834Kb / 11P
Ultra-LNA with Shutdown Tuning Range: 0.1 to 1.5 GHz
GRF2081 GUERRILLA-GRF2081 Datasheet
1Mb / 11P
Ultra-LNA with Shutdown Tuning Range: 0.7 ??2.7 GHz
GRF2082 GUERRILLA-GRF2082 Datasheet
1Mb / 11P
Ultra-LNA with Shutdown Tuning Range: 1.5 to 3.8 GHz
GRF2083 GUERRILLA-GRF2083 Datasheet
800Kb / 10P
Ultra-LNA with Shutdown Tuning Range: 2.0 to 6.0 GHz
GRF2105 GUERRILLA-GRF2105 Datasheet
889Kb / 13P
Enhanced Gain Flatness LNA 0.4 to 5.0 GHz
GRF2140 GUERRILLA-GRF2140 Datasheet
1Mb / 16P
Low Current LNA w/Bypass Tuning Range: 0.1 to 3.8 GHz
GRF2171 GUERRILLA-GRF2171 Datasheet
725Kb / 11P
High Gain Ultra LNA Tuning Range: 2.5 to 5.0 GHz
GRF2374 GUERRILLA-GRF2374 Datasheet
1Mb / 19P
Low Current LNA w/Bypass Tuning Range: 0.1 to 3.8 GHz
GRF4042 GUERRILLA-GRF4042 Datasheet
1Mb / 22P
LNA w/Bypass & Guerrilla Armor™: 0.4 to 2.7 GHz
05/13/20
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com