Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2127A Datasheet (PDF) - Belden Inc.

Part # 2127A
Description  Fieldbus, 1 Pr #16 Str TC, XLPO Ins, OS, TPE Jkt, 600V TC
File Size   261.27 Kbytes
Html View  1   2   3 
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

2127A Datasheet (PDF) - Belden Inc.



Similar Part No. - 2127A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2127 ETC2-2127 Datasheet
311Kb / 1P
MALE/FEMALE THREADED STANDOFFS
2127 ETC2-2127 Datasheet
110Kb / 2P
HEX MALE/FEMALE STANDOFFS
logo
Heyco.
2127 HEYCO-2127 Datasheet
133Kb / 1P
Snap Bushings
logo
Belden Inc.
2127 BELDEN-2127 Datasheet
373Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
Keystone Electronics Co...
2127 KEYSTONE-2127 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
More results


Similar Description - 2127A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
2109A BELDEN-2109A Datasheet
255Kb / 3P
Fieldbus, 1 Pr #16 Str TC, XLPO Ins, OS, TPE Jkt, CMG
2118A BELDEN-2118A Datasheet
255Kb / 3P
Fieldbus, 1 Pr #18 Str TC, XLPO Ins, OS, TPE Jkt, 600V TC
2123A BELDEN-2123A Datasheet
256Kb / 3P
Fieldbus, 16 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2128A BELDEN-2128A Datasheet
262Kb / 3P
Fieldbus, 2 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2129A BELDEN-2129A Datasheet
262Kb / 3P
Fieldbus, 5 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2130A BELDEN-2130A Datasheet
262Kb / 3P
Fieldbus, 8 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2131A BELDEN-2131A Datasheet
262Kb / 3P
Fieldbus, 12 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2132A BELDEN-2132A Datasheet
262Kb / 3P
Fieldbus, 16 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2133A BELDEN-2133A Datasheet
261Kb / 3P
Fieldbus, 20 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2135A BELDEN-2135A Datasheet
264Kb / 3P
Fieldbus, 36 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com