Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9312 Datasheet (PDF) - Intersil Corporation

Part # X9312
Description  Terminal Voltage 0V to 15V, 100 Taps
File Size   219.69 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9312 Datasheet (PDF) - Intersil Corporation



Similar Part No. - X9312

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9312 XICOR-X9312 Datasheet
50Kb / 9P
E2POT??Nonvolatile Digital Potentiometer
X9312TP XICOR-X9312TP Datasheet
50Kb / 9P
E2POT??Nonvolatile Digital Potentiometer
X9312TPI XICOR-X9312TPI Datasheet
50Kb / 9P
E2POT??Nonvolatile Digital Potentiometer
X9312TPM XICOR-X9312TPM Datasheet
50Kb / 9P
E2POT??Nonvolatile Digital Potentiometer
X9312TS XICOR-X9312TS Datasheet
50Kb / 9P
E2POT??Nonvolatile Digital Potentiometer
More results


Similar Description - X9312

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1916 NTE-NTE1916 Datasheet
25Kb / 2P
3 Terminal Positive Voltage Regulator 15V, 1.5A
NTE1918 NTE-NTE1918 Datasheet
25Kb / 2P
3 Terminal Positive Voltage Regulator 15V, 3A
logo
Intersil Corporation
X9314 INTERSIL-X9314 Datasheet
233Kb / 9P
Terminal Voltage -5V, 32 Taps, Log Taper
September 15, 2005
ISL95310 INTERSIL-ISL95310 Datasheet
135Kb / 8P
Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
May 6, 2005
ISL95311 INTERSIL-ISL95311 Datasheet
259Kb / 11P
Terminal Voltage 0V to 13.2V, 128 Taps I2C Interface
February 6, 2008
X9C303P INTERSIL-X9C303P Datasheet
255Kb / 10P
Terminal Voltage ±5V, 100 Taps, Log Taper
January 30, 2009
logo
Renesas Technology Corp
ISL95310 RENESAS-ISL95310 Datasheet
474Kb / 9P
Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 0V to 13.2V, 128 Taps Up/Down Interface
ISL95311 RENESAS-ISL95311 Datasheet
588Kb / 12P
Digitally Controlled Potentiometer (XDCP??, Terminal Voltage 0V to 13.2V, 128 Taps I2C Interface
X9C303 RENESAS-X9C303 Datasheet
534Kb / 10P
Logarithmic Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹5V, 100 Taps, Log Taper
logo
KIA Semiconductor Techn...
78L15 KIA-78L15 Datasheet
61Kb / 6P
THREE TERMINAL POSITIVE VOLTAGE REGULATORS 15V
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com