Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA3012 Datasheet (PDF) - NXP Semiconductors

Part # BGA3012
Description  1 GHz 12 dB gain wideband amplifier MMIC
File Size   151.27 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA3012 Datasheet (PDF) - NXP Semiconductors



Similar Part No. - BGA3012

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA3012 PHILIPS-BGA3012 Datasheet
151Kb / 15P
1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
BGA3012 PHILIPS-BGA3012_15 Datasheet
151Kb / 15P
1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
More results


Similar Description - BGA3012

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC743LP6C HITTITE-HMC743LP6C Datasheet
582Kb / 14P
0.5 dB LSB GaAs MMIC 12-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 4 GHz
logo
RF Micro Devices
RFVC1800 RFMD-RFVC1800 Datasheet
953Kb / 6P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 8 GHz to 12 GHz
logo
Hittite Microwave Corpo...
HMC732LC4B HITTITE-HMC732LC4B Datasheet
422Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 6 - 12 GHz
logo
NXP Semiconductors
BGA3012 PHILIPS-BGA3012 Datasheet
151Kb / 15P
1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
logo
Pasternack Enterprises,...
PE15A3505 PASTERNACK-PE15A3505 Datasheet
488Kb / 6P
48 dB Gain, 1 Watt, 6 GHz to 12 GHz, Broadband High Gain Amplifier
logo
NXP Semiconductors
BGA3012 PHILIPS-BGA3012_15 Datasheet
151Kb / 15P
1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
BGA3015 PHILIPS-BGA3015_15 Datasheet
151Kb / 15P
1 GHz 15 dB gain wideband amplifier MMIC
Rev. 3-25 September 2013
BGA3018 PHILIPS-BGA3018_15 Datasheet
151Kb / 15P
1 GHz 18 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
BGA3015 NXP-BGA3015 Datasheet
151Kb / 15P
1 GHz 15 dB gain wideband amplifier MMIC
Rev. 3-25 September 2013
BGA3018 NXP-BGA3018 Datasheet
151Kb / 15P
1 GHz 18 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com