Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA3012 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BGA3012
Description  1 GHz 12 dB gain wideband amplifier MMIC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA3012 Datasheet(HTML) 1 Page - NXP Semiconductors

  BGA3012 Datasheet HTML 1Page - NXP Semiconductors BGA3012 Datasheet HTML 2Page - NXP Semiconductors BGA3012 Datasheet HTML 3Page - NXP Semiconductors BGA3012 Datasheet HTML 4Page - NXP Semiconductors BGA3012 Datasheet HTML 5Page - NXP Semiconductors BGA3012 Datasheet HTML 6Page - NXP Semiconductors BGA3012 Datasheet HTML 7Page - NXP Semiconductors BGA3012 Datasheet HTML 8Page - NXP Semiconductors BGA3012 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
Product profile
1.1 General description
The BGA3012 MMIC is a wideband amplifier with internal biasing. It is designed
specifically for high linearity CATV line extenders and drop amplifiers over a frequency
range of 5 MHz to 1006 MHz. The LNA is housed in a lead free 3-pin SOT89 package.
1.2 Features and benefits
1.3 Applications
General wideband amplifiers.
CATV return amplifier; frequency ranges of 5 MHz to 300 MHz.
CATV infrastructure network driver in optical nodes (FTTx), distribution amplifiers,
trunk amplifiers and line extenders in the frequency range from 40 MHz to 1006 MHz.
The product is ideally suited for applications as drop amplifiers in CATV distribution
systems such as FTTH
1.4 Quick reference data
[1]
The fundamental frequencies (f1) and (f2) lay between 40 MHz and 1006 MHz. The intermodulation product (IM3) is 2  f2  f1, where
f2 =f1  6 MHz. Input power Pi = 20 dBm.
[2]
The fundamental frequencies (f1) and (f2) lay between 40 MHz and 1006 MHz. The intermodulation product (IM2) is f2  f1, with
40 MHz <
f
1-f2 < 1006 MHz. Input power Pi = 20 dBm.
BGA3012
1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3 — 26 September 2013
Product data sheet
Internally biased
Noise figure of 3.1 dB
Flat gain
75
 input and output impedance
High linearity with an IP3O of 40 dBm and
an IP2O of 60 dBm
Operating from 5 V to 8 V supply
Table 1.
Quick reference data
Bandwidth 40 MHz to 1006 MHz; Tamb =25 C; typical values at VCC = 8 V; ZS =ZL =75 ; R1 = 100 ; R2 = 300 .
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
RF input AC coupled
7.6
8
8.4
V
ICC(tot)
total supply current
-
110
125
mA
Tamb
ambient temperature
40
-
+85
C
NF
noise figure
f = 500 MHz
-
3.1
3.6
dB
PL(1dB)
output power at 1 dB gain compression
21.5
23
-
dBm
IP3O
output third-order intercept point
[1] 36
40
-
dBm
IP2O
output second-order intercept point
[2] -60
-
dBm


Similar Part No. - BGA3012

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA3012 PHILIPS-BGA3012 Datasheet
151Kb / 15P
1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
BGA3012 PHILIPS-BGA3012_15 Datasheet
151Kb / 15P
1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
More results

Similar Description - BGA3012

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC743LP6C HITTITE-HMC743LP6C Datasheet
582Kb / 14P
0.5 dB LSB GaAs MMIC 12-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 4 GHz
logo
RF Micro Devices
RFVC1800 RFMD-RFVC1800 Datasheet
953Kb / 6P
WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 8 GHz to 12 GHz
logo
Hittite Microwave Corpo...
HMC732LC4B HITTITE-HMC732LC4B Datasheet
422Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 6 - 12 GHz
logo
NXP Semiconductors
BGA3012 PHILIPS-BGA3012 Datasheet
151Kb / 15P
1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
logo
Pasternack Enterprises,...
PE15A3505 PASTERNACK-PE15A3505 Datasheet
488Kb / 6P
48 dB Gain, 1 Watt, 6 GHz to 12 GHz, Broadband High Gain Amplifier
logo
NXP Semiconductors
BGA3012 PHILIPS-BGA3012_15 Datasheet
151Kb / 15P
1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
BGA3015 PHILIPS-BGA3015_15 Datasheet
151Kb / 15P
1 GHz 15 dB gain wideband amplifier MMIC
Rev. 3-25 September 2013
BGA3018 PHILIPS-BGA3018_15 Datasheet
151Kb / 15P
1 GHz 18 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
BGA3015 NXP-BGA3015 Datasheet
151Kb / 15P
1 GHz 15 dB gain wideband amplifier MMIC
Rev. 3-25 September 2013
BGA3018 NXP-BGA3018 Datasheet
151Kb / 15P
1 GHz 18 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com