Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2801 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2801
Description  30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
File Size   1603.64 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2801 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd



Similar Part No. - HM2801

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM2802 HMSEMI-HM2802 Datasheet
1Mb / 12P
30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
HM2803 HMSEMI-HM2803 Datasheet
1Mb / 8P
HB-LED driver chip
HM2803A HMSEMI-HM2803A Datasheet
1Mb / 8P
3W HB-LED driver chip
HM2805B HMSEMI-HM2805B Datasheet
1Mb / 16P
High efficiency constant current limit current WLED driver
HM2806 HMSEMI-HM2806 Datasheet
415Kb / 5P
PWM/PFM control DC-DC step-down constant current driver
More results


Similar Description - HM2801

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3100 NSC-LM3100 Datasheet
1Mb / 15P
SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100 NSC-LM3100_07 Datasheet
3Mb / 18P
SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
logo
Linear Technology
LT3475 LINER-LT3475 Datasheet
243Kb / 20P
Dual Step-Down l 1.5A LED Driver
LT3475 LINER-LT3475_15 Datasheet
248Kb / 20P
Dual Step-Down 1.5A LED Driver
LT3475-1 LINER-LT3475-1_15 Datasheet
248Kb / 20P
Dual Step-Down 1.5A LED Driver
logo
Monolithic Power System...
MP2410 MPS-MP2410 Datasheet
511Kb / 17P
24V, 2A, 1MHz, Synchronous, Step-Down LED Driver
MP2410A MPS-MP2410A Datasheet
1Mb / 17P
24V, 2A, 1MHz, Synchronous, Step-Down, LED Driver
logo
Bookly Micro electronic
BM4115 BOOKLY-BM4115 Datasheet
1Mb / 8P
Step-Down Dimmable LED Driver
logo
Shenzhen Huazhimei Semi...
HM2802 HMSEMI-HM2802 Datasheet
1Mb / 12P
30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
logo
Richtek Technology Corp...
RT5796B RICHTEK-RT5796B Datasheet
1,004Kb / 19P
1.5A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com