Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRW6252D Datasheet (PDF) - Allegro MicroSystems

Part # STRW6252D
Description  60 W-Universal Input/40 W-230 Vac Input PWM Switching Regulators
File Size   588.82 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STRW6252D Datasheet (PDF) - Allegro MicroSystems



Similar Part No. - STRW6252D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STRW6251D SANKEN-STRW6251D Datasheet
598Kb / 15P
30 W-Universal Input/45 W-230 Vac Input PWM Switching Regulators
More results


Similar Description - STRW6252D

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STR-A6151 ALLEGRO-STR-A6151 Datasheet
232Kb / 7P
Universal-Input/13 or 16 W Flyback Switching Regulators
STR-A6153E ALLEGRO-STR-A6153E Datasheet
192Kb / 7P
Universal-Input/20 W Flyback Switching Regulator
STR-A6169 ALLEGRO-STR-A6169 Datasheet
194Kb / 7P
Universal-Input/5 W Flyback Switching Regulator
STR-A6251 ALLEGRO-STR-A6251 Datasheet
373Kb / 7P
Universal-Input/15 W 50 kHz Flyback Switching Regulators
STR-A6259H ALLEGRO-STR-A6259H Datasheet
897Kb / 13P
Universal-Input 13 W 100 kHz Flyback Switching Regulators
logo
Power Integrations, Inc...
DI-91 POWERINT-DI-91 Datasheet
426Kb / 2P
12 W Universal Input CV Adapter
logo
Emerson Network Power
NFS40 EMERSON-NETWORKPOWER-NFS40 Datasheet
249Kb / 4P
40 W universal input ac-dc power supply
NFS40 EMERSON-NETWORKPOWER-NFS40_09 Datasheet
465Kb / 4P
40 W universal input ac-dc power supply
logo
Sanken electric
STR-W6253MD SANKEN-STR-W6253MD Datasheet
575Kb / 14P
60 W-Universal Input/90 W-230 Vac Input PWM Switching Regulators
STR-W6251D SANKEN-STR-W6251D Datasheet
598Kb / 15P
30 W-Universal Input/45 W-230 Vac Input PWM Switching Regulators
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com