Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTH4L080N120SC1 Datasheet (PDF) - ON Semiconductor

Part # NTH4L080N120SC1
Description  MOSFET ??Power, N-Channel, Silicon Carbide, 1200 V, 80 m
File Size   419.16 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTH4L080N120SC1 Datasheet (PDF) - ON Semiconductor



Similar Part No. - NTH4L080N120SC1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTH4L080N120SC1 ONSEMI-NTH4L080N120SC1 Datasheet
409Kb / 8P
Silicon Carbide (SiC) MOSFET – 80 mohm, 1200V, M1, TO-247-4L
May, 2022 - Rev. 2
NTH4L080N120SC1 ONSEMI-NTH4L080N120SC1 Datasheet
411Kb / 8P
Silicon Carbide (SiC) MOSFET – EliteSiC, 80mohm, 1200V, M1, TO-247-4L
January, 2023 - Rev. 3
logo
Inchange Semiconductor ...
NTH4L080N120SC1 ISC-NTH4L080N120SC1 Datasheet
360Kb / 3P
SiC N-Channel MOSFET
logo
ON Semiconductor
NTH4L080N120SC1 ONSEMI-NTH4L080N120SC1_V01 Datasheet
409Kb / 8P
Silicon Carbide (SiC) MOSFET – 80 mohm, 1200V, M1, TO-247-4L
May, 2022 - Rev. 2
NTH4L080N120SC1 ONSEMI-NTH4L080N120SC1_V02 Datasheet
411Kb / 8P
Silicon Carbide (SiC) MOSFET – EliteSiC, 80mohm, 1200V, M1, TO-247-4L
January, 2023 - Rev. 3
More results


Similar Description - NTH4L080N120SC1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVH4L080N120SC1 ONSEMI-NVH4L080N120SC1 Datasheet
278Kb / 7P
MOSFET ??Power, N-Channel, Silicon Carbide, TO-247-4L 1200 V, 80 m
December, 2019??Rev. 1
NTC020N120SC1 ONSEMI-NTC020N120SC1 Datasheet
215Kb / 8P
MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 20 m
May, 2020 ??Rev. 0
NTC040N120SC1 ONSEMI-NTC040N120SC1 Datasheet
223Kb / 8P
MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 40 m
September, 2020 ??Rev. 0
NTC080N120SC1 ONSEMI-NTC080N120SC1 Datasheet
273Kb / 8P
MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 80 m
June, 2020 ??Rev. 0
NVC020N120SC1 ONSEMI-NVC020N120SC1 Datasheet
215Kb / 8P
MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 20 m
June, 2020-Rev. 0
NVC040N120SC1 ONSEMI-NVC040N120SC1 Datasheet
223Kb / 8P
MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 40 m
September, 2020-Rev. 0
NVC080N120SC1 ONSEMI-NVC080N120SC1 Datasheet
273Kb / 8P
MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 80 m
June, 2020-Rev. 0
logo
Alpha & Omega Semicondu...
AOK150V120X2Q AOSMD-AOK150V120X2Q Datasheet
833Kb / 9P
1200 V αSiC Silicon Carbide Power MOSFET
Rev. 1.1 September 2021
AOM065V120X2 AOSMD-AOM065V120X2 Datasheet
818Kb / 9P
1200 V αSiC Silicon Carbide Power MOSFET
Rev. 1.1 March 2022
AOK033V120X2 AOSMD-AOK033V120X2 Datasheet
829Kb / 9P
1200 V αSiC Silicon Carbide Power MOSFET
Rev. 1.0 June 2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com