Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVC080N120SC1 Datasheet (PDF) - ON Semiconductor

NVC080N120SC1 Datasheet PDF - ON Semiconductor
Part # NVC080N120SC1
Download  NVC080N120SC1 Download
File Size   273.17 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 80 m

NVC080N120SC1 Datasheet (PDF)

Go To PDF Page Download Datasheet
NVC080N120SC1 Datasheet PDF - ON Semiconductor

Part # NVC080N120SC1
Download  NVC080N120SC1 Click to download

File Size   273.17 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 80 m

NVC080N120SC1 Datasheet (HTML) - ON Semiconductor


NVC080N120SC1 Product details

Description
Silicon Carbide (SiC) MOSFET uses a completely new technology
that provide superior switching performance and higher reliability
compared to Silicon. In addition, the low ON resistance and compact
chip size ensure low capacitance and gate charge. Consequently,
system benefits include highest efficiency, faster operation frequency,
increased power density, reduced EMI, and reduced system size.

Features
• 1200 V @ TJ = 175°C
• Typ RDS(on) = 80 m at VGS = 20 V, ID = 20 A
• High Speed Switching with Low Capacitance
• 100% UIL Tested
• Qualified According to AEC−Q101
• These Devices are Pb−Free and are RoHS Compliant

Applications
• Automotive Traction Inverter
• Automotive DC/DC Converter for EV/HEV




Similar Part No. - NVC080N120SC1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVC020N120SC1 ONSEMI-NVC020N120SC1 Datasheet
215Kb / 8P
MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 20 m
June, 2020-Rev. 0
NVC040N120SC1 ONSEMI-NVC040N120SC1 Datasheet
223Kb / 8P
MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 40 m
September, 2020-Rev. 0
More results


Similar Description - NVC080N120SC1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTH4L080N120SC1 ONSEMI-NTH4L080N120SC1 Datasheet
419Kb / 8P
MOSFET ??Power, N-Channel, Silicon Carbide, 1200 V, 80 m
December, 2019??Rev. 1
NVH4L080N120SC1 ONSEMI-NVH4L080N120SC1 Datasheet
278Kb / 7P
MOSFET ??Power, N-Channel, Silicon Carbide, TO-247-4L 1200 V, 80 m
December, 2019??Rev. 1
logo
Cree, Inc
CAB011M12FM3 CREE-CAB011M12FM3 Datasheet
2Mb / 11P
1200 V, 11 m廓 All-Silicon Carbide
logo
ON Semiconductor
NTC020N120SC1 ONSEMI-NTC020N120SC1 Datasheet
215Kb / 8P
MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 20 m
May, 2020 ??Rev. 0
NTC040N120SC1 ONSEMI-NTC040N120SC1 Datasheet
223Kb / 8P
MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 40 m
September, 2020 ??Rev. 0
NTC080N120SC1 ONSEMI-NTC080N120SC1 Datasheet
273Kb / 8P
MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 80 m
June, 2020 ??Rev. 0
NVC020N120SC1 ONSEMI-NVC020N120SC1 Datasheet
215Kb / 8P
MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 20 m
June, 2020-Rev. 0
NVC040N120SC1 ONSEMI-NVC040N120SC1 Datasheet
223Kb / 8P
MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 40 m
September, 2020-Rev. 0
logo
Alpha & Omega Semicondu...
AOK150V120X2Q AOSMD-AOK150V120X2Q Datasheet
833Kb / 9P
1200 V αSiC Silicon Carbide Power MOSFET
Rev. 1.1 September 2021
AOK033V120X2 AOSMD-AOK033V120X2 Datasheet
829Kb / 9P
1200 V αSiC Silicon Carbide Power MOSFET
Rev. 1.0 June 2021
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com