Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVC080N120SC1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NVC080N120SC1
Description  MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 80 m
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVC080N120SC1 Datasheet(HTML) 4 Page - ON Semiconductor

  NVC080N120SC1 Datasheet HTML 1Page - ON Semiconductor NVC080N120SC1 Datasheet HTML 2Page - ON Semiconductor NVC080N120SC1 Datasheet HTML 3Page - ON Semiconductor NVC080N120SC1 Datasheet HTML 4Page - ON Semiconductor NVC080N120SC1 Datasheet HTML 5Page - ON Semiconductor NVC080N120SC1 Datasheet HTML 6Page - ON Semiconductor NVC080N120SC1 Datasheet HTML 7Page - ON Semiconductor NVC080N120SC1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NVC080N120SC1
www.onsemi.com
3
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
1200
V
Gate−to−Source Voltage
VGS
−15/+25
V
Recommended Operation Values of Gate−
to−Source Voltage
TC < 175°C
VGSop
−5/+20
V
Continuous Drain
Current RqJC
Steady
State
TC = 25°C
ID
31
A
Power Dissipation RqJC
PD
178
W
Continuous Drain
Current RqJC
Steady
State
TC = 100°C
ID
22
A
Power Dissipation RqJC
PD
89
W
Pulsed Drain Current (Note 2)
TC = 25°C
IDM
132
A
Single Pulse Surge Drain Current Capability
TC = 25°C, tp = 10 ms, RG = 4.7 W
IDSC
132
A
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to +175
°C
Source Current (Body Diode)
IS
18
A
Single Pulse Drain−to−Source Avalanche
Energy (IL(pk) = 18.5 A, L = 1 mH) (Note 3)
EAS
171
mJ
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Case (Note 1)
RqJC
0.84
°C/W
1. The entire application environment impacts the thermal resistance values shown, they are not constants and are only valid for the particular
conditions noted.
2. Repetitive rating, limited by max junction temperature.
3. EAS of 171 mJ is based on starting TJ = 25°C; L = 1 mH, IAS = 18.5 A, VDD = 120 V, VGS = 18 V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com