Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVC080N120SC1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NVC080N120SC1
Description  MOSFET ??N?륝hannel, Silicon Carbide 1200 V, 80 m
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVC080N120SC1 Datasheet(HTML) 2 Page - ON Semiconductor

  NVC080N120SC1 Datasheet HTML 1Page - ON Semiconductor NVC080N120SC1 Datasheet HTML 2Page - ON Semiconductor NVC080N120SC1 Datasheet HTML 3Page - ON Semiconductor NVC080N120SC1 Datasheet HTML 4Page - ON Semiconductor NVC080N120SC1 Datasheet HTML 5Page - ON Semiconductor NVC080N120SC1 Datasheet HTML 6Page - ON Semiconductor NVC080N120SC1 Datasheet HTML 7Page - ON Semiconductor NVC080N120SC1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© Semiconductor Components Industries, LLC, 2018
June, 2020 − Rev. 0
1
Publication Order Number:
NVC080N120SC1/D
MOSFET – N‐Channel,
Silicon Carbide
1200 V, 80 mW
NVC080N120SC1
Description
Silicon Carbide (SiC) MOSFET uses a completely new technology
that provide superior switching performance and higher reliability
compared to Silicon. In addition, the low ON resistance and compact
chip size ensure low capacitance and gate charge. Consequently,
system benefits include highest efficiency, faster operation frequency,
increased power density, reduced EMI, and reduced system size.
Features
1200 V @ TJ= 175°C
Typ RDS(on) = 80 mW at VGS = 20 V, ID = 20 A
High Speed Switching with Low Capacitance
100% UIL Tested
Qualified According to AEC−Q101
These Devices are Pb−Free and are RoHS Compliant
Applications
Automotive Traction Inverter
Automotive DC/DC Converter for EV/HEV
www.onsemi.com
DIE DIAGRAM
Die Information
S Wafer Diameter
6 inch
S Die Size
2,900 x 2,900 mm
⋅ Top
Ti/TiN/Al
5 mm
⋅ Back
Ti/V/Ni/Ag
S Die Thickness
Typ. 200 mm
S Metallization
S Gate Pad Size
632 x 242.5 mm
S1
S2
G
D
S
G
V(BR)DSS
RDS(on) MAX
ID MAX
1200 V
110 mW @ 20 V
31 A
N−CHANNEL MOSFET



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com